Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC511000P Datasheet (PDF) - Toshiba Semiconductor

TC511000P Datasheet PDF - Toshiba Semiconductor
Part # TC511000P
Download  TC511000P Download
File Size   2132.0 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON GATE CMOS

TC511000P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC511000P Datasheet PDF - Toshiba Semiconductor

Part # TC511000P
Download  TC511000P Click to download

File Size   2132.0 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON GATE CMOS

TC511000P Datasheet (HTML) - Toshiba Semiconductor


TC511000P Product details

DESCRIPTION
The TC511000P/J/Z is the new generation dynamic
RAM organized 1,048,576 words by 1 bit. The
TC511000P/J/Z utilizes TOSHIBA's CMOS Silicon gate
process technology as well as advanced circuit techniques
to provide wide operating margins, both internally and to
the system user. Multiplexed address inputs permit the
TC511000P/J/Z to be packaged in a standard 18 pin
plastic DIP, 26/20 pin plastic SOJ and 20/19 pin plastic
ZIP. The package size provides high system bit densities
and is compatible with widely available automated testing
and insertion equipment. System oriented features
include single power supply of 5V ± 10% tolerance, direct
interfacing capability with high performance logic
families such as Schottky TTL. "Test Mode" function is
implemented from Revision C.

FEATURES
1,048,576 word by 1 bit organization
Fast access time and cycle time
TRAC RAS Access Time
Column Address Access
Time
TAA
tCAC CAS Access Time
tRc Cycle Time
tpc
Fast Page Mode Cycle
Time
TC511000P/J/Z-85-10-12
100 ns
50 ns
25 ns
190 ns
55 ns
85 ns
45 ns
25 ns
165 ns
50 ns
120 ns
60 ns
30 ns
220 ns
70 ns
Single power supply of 5V ± 10% with a built-in VBB
generator

Low Power
385mW MAX. Operating (TC511000P/J/Z-85)
330mW MAX. Operating (TC511000P/J/Z-10)
275mW MAX. Operating (TC511000P/J/Z-12)
5.5mW MAX. Standby
Output unlatched at cycle end allows two-dimensional
chip selection
Common 1/O capability using "EARLY WRITE"
operation
Read-Modify-Write, CAS before RAS refresh, RAS-
only refresh, Hidden refresh, Fast Page Mode and Test
Mode capability
All inputs and output TTL compatible
• 512 refresh cycles/8 ms
Package Plastic DIP: TC511000P
Plastic SOJ: TC511000J
Plastic ZIP TC511000Z




Similar Part No. - TC511000P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC511001AJ TOSHIBA-TC511001AJ Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AJ-10 TOSHIBA-TC511001AJ-10 Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AJ-70 TOSHIBA-TC511001AJ-70 Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AJ-80 TOSHIBA-TC511001AJ-80 Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AP TOSHIBA-TC511001AP Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
More results


Similar Description - TC511000P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT1G32 RENESAS-HD74HCT1G32 Datasheet
50Kb / 7P
High Speed CMOS two input OR gate Using Silicon Gate CMOS Process
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4070B KODENSHI-KK4070B Datasheet
229Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4030B IKSEMICON-IW4030B Datasheet
152Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
IW4070B IKSEMICON-IW4070B Datasheet
166Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
High-Performance Silicon-Gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
High-Performance Silicon-Gate CMOS
logo
Tiger Electronic Co.,Lt...
CD4049UBE TGS-CD4049UBE Datasheet
456Kb / 4P
High-Voltage Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
High-performance Silicon-gate CMOS
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
High–Performance Silicon–Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com