Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC511001P Datasheet (PDF) - Toshiba Semiconductor

TC511001P Datasheet PDF - Toshiba Semiconductor
Part # TC511001P
Download  TC511001P Download
File Size   2069.65 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA MOS MEMORY PRODUCTS

TC511001P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC511001P Datasheet PDF - Toshiba Semiconductor

Part # TC511001P
Download  TC511001P Click to download

File Size   2069.65 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA MOS MEMORY PRODUCTS

TC511001P Datasheet (HTML) - Toshiba Semiconductor


TC511001P Product details

DESCRIPTION
The TC511001P/J/Z is the new generation dynamic
RAM organized 1,048,576 words by 1 bit. The
TC511001P/J/Z utilizes TOSHIBA's CMOS Silicon gate
process technology as well as advanced circuit techniques
to provide wide operating margins, both internally and
to the system user. Multiplexed address inputs permit the
TC511001P/J/Z to be packaged in a standard 18 pin
plastic DIP, 26/20 pin plastic SOJ and 20/19 pin plastic
ZIP. The package size provides high system bit densities
and is compatible with widely available automated testing
and insertion equipment. System oriented features
include single power supply of 5V ± 10% tolerance,
direct interfacing capability with high performance logic
families such as Schottky TTL. The special feature of
TC511001P/J/Z is nibble mode, allowing the user to
serially access 4 bits of data at a high data rate. "Test
Mode" function is implemented from Revision C.

FEATURES
1,048,576 word by 1 bit organization
Fast access time and cycle time
TRAC
TAA
tCAC
tRc
INCAC
RAS Access Time
Column Address Access
Time
INC
CAS Access Time
Cycle Time
Nibble Mode Access
Time
Nibble Mode Cycle
Time
TC511001P/J/Z-85-10-12
85ns
100ns
45ns 50ns
30ns
35ns
165ns
190ns
20ns
20ns
120ns
60ns
40ns
220ns
25ns
40ns 40ns 50ns
Single power supply of 5V ± 10% with a built-in VBB
generator

Low Power:
385mW MAX. Operating (TC511001P/J/Z-85)
330mW MAX. Operating (TC511001P/J/Z-10)
275mW MAX. Operating (TC511001P/J/Z-12)
5.5mW MAX. Standby
Output unlatched at cycle end allows two-dimensional
clip selection
Common I/O capability using "EARLY WRITE"
operation
Read-Modify-Write, CAS before RAS refresh, RAS-
only refresh, Hidden refresh, Nibble Mode and Test
Mode capability
• All inputs and output TTL compatible
• 512 refresh cycles/8ms
● Packing
Plastic DIP TC511001P
Plastic SOJ: TC511001J
Plastic ZIP: TC511001Z




Similar Part No. - TC511001P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC511001AJ TOSHIBA-TC511001AJ Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AJ-10 TOSHIBA-TC511001AJ-10 Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AJ-70 TOSHIBA-TC511001AJ-70 Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AJ-80 TOSHIBA-TC511001AJ-80 Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001AP TOSHIBA-TC511001AP Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
More results


Similar Description - TC511001P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
Memory Products
logo
Toshiba Semiconductor
TMM2064P-10 TOSHIBA-TMM2064P-10 Datasheet
379Kb / 6P
TOSHIBA MOS MEMORY PRODUCTS
MP4203 TOSHIBA-MP4203 Datasheet
223Kb / 4P
TOSHIBA POWER MOS FET MODULE SILICON P CHANNEL MOS TYPE
TC55257AFL TOSHIBA-TC55257AFL Datasheet
189Kb / 8P
TOSHIBA MOS MEMORY PRODUCTS
logo
Fairchild Semiconductor
F2732 FAIRCHILD-F2732 Datasheet
307Kb / 6P
MOS Memory Products
logo
Japan Aviation Electron...
SG5S009V1A1 JAE-SG5S009V1A1 Datasheet
276Kb / 7P
Sockets/Memory Products
logo
Toshiba Semiconductor
TC511001AP TOSHIBA-TC511001AP Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511002P TOSHIBA-TC511002P Datasheet
1Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC58TEG5DCJTAX0 TOSHIBA-TC58TEG5DCJTAX0 Datasheet
784Kb / 81P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.2 2012 - 03 - 01
TX58TEGXDCJTAX0 TOSHIBA-TX58TEGXDCJTAX0 Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com