Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC5116400J Datasheet (PDF) - Toshiba Semiconductor

TC5116400J Datasheet PDF - Toshiba Semiconductor
Part # TC5116400J
Download  TC5116400J Download
File Size   1069.56 Kbytes
Page   25 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4,194,304 WORD X 4 BIT DYNAMIC RAM

TC5116400J Datasheet (PDF)

Go To PDF Page Download Datasheet
TC5116400J Datasheet PDF - Toshiba Semiconductor

Part # TC5116400J
Download  TC5116400J Click to download

File Size   1069.56 Kbytes
Page   25 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4,194,304 WORD X 4 BIT DYNAMIC RAM

TC5116400J Datasheet (HTML) - Toshiba Semiconductor


TC5116400J Product details

DESCRIPTION
The TC5116400J/FT is the new generation dynamic RAM organized 4,194,304 word by 4 bit. The
TC5116400J/FT utilizes Toshiba's CMOS silicon gate process technology as well as advanced circuit
techniques to provide wide operating margins, both internally and to the system user. Multiplexed address inputs
permit the TC5116400J/FT to be packaged in a 28/24 pin plastic SOJ, and 28/24 pin plastic TSOP. The package
size provides high system bit densities and is compatible with widely available automated testing and insertion
equipment. System oriented features include single power supply of 5V± 10% tolerance, direct interfacing
capability with high performance logic families such as Schottky TTL.

FEATURES
•
•
•
•
4,194,304 word by 4 bit organization
Fast access time and cycle time
Single power supply of 5V± 10% with a built-
in VBB generator
Low Power
495mW MAX.Operating
(TCS116400J/FT-60)
440mW MAX. Operating
(TC5116400J/FT-70)
5.5mW MAX. Standby
Outputs unlatched at cycle end allows two-di-
mensional chip selection
Read-Modify-Write, CAS before RAS refresh,
RAS-only refresh, Hidden refresh, Fast Page
Mode and Test Mode capability
All inputs and outputs TTL compatible
4096 refresh cycles/64ms
.
• Package TC5116400JSO128-P-400A
TC5116400FT: TSOP28-P-400B




Similar Part No. - TC5116400J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400BSJ-60 TOSHIBA-TC5116400BSJ-60 Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400BSJ-70 TOSHIBA-TC5116400BSJ-70 Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400BST-60 TOSHIBA-TC5116400BST-60 Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400BST-70 TOSHIBA-TC5116400BST-70 Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Similar Description - TC5116400J

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
4,194,304 WORD x 1 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
4,194,304-word x 4-bit Dynamic RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
4,194,304 WORD X 4 BIT DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com