Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFD085N03M Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TFD085N03M Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TFD085N03M
Download  TFD085N03M Download
File Size   3155.05 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

TFD085N03M Datasheet (PDF)

Go To PDF Page Download Datasheet
TFD085N03M Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TFD085N03M
Download  TFD085N03M Click to download

File Size   3155.05 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

TFD085N03M Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TFD085N03M Product details

Description

The TFD085N03M uses advanced trench technology to provi
de excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
Battery protection or in other switching application.

General Feature

VDS =30V , ID =25A
RDS(ON) Typ
=8.5mΩ @ VGS=10V
RDS(ON) Typ =10mΩ @ VGS=4.5V
High Power and current handing cap
ability Lead free product is acquired
Surface mount package

Application

Battery switch
DC/DC converter




Similar Part No. - TFD085N03M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TFD120N02 TUOFENG-TFD120N02 Datasheet
3Mb / 5P
DFN-2x3-6L Plastic-Encapsulate MOSFETS
Jun 2022 V1.0
TFD130N04N TUOFENG-TFD130N04N Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021 V1.0
TFD130N04S TUOFENG-TFD130N04S Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021 V1.0
TFD150N04M TUOFENG-TFD150N04M Datasheet
3Mb / 6P
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
Oct 2021V1.0
TFD180N02 TUOFENG-TFD180N02 Datasheet
4Mb / 6P
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
Mar 2022 V1.0
More results


Similar Description - TFD085N03M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com