Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPA95R450PFD7 Datasheet (PDF) - Infineon Technologies AG

IPA95R450PFD7 Datasheet PDF - Infineon Technologies AG
Part # IPA95R450PFD7
Download  IPA95R450PFD7 Download
File Size   1119.55 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 950V CoolMOSª PFD7 SJ Power Device

IPA95R450PFD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPA95R450PFD7 Datasheet PDF - Infineon Technologies AG

Part # IPA95R450PFD7
Download  IPA95R450PFD7 Click to download

File Size   1119.55 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 950V CoolMOSª PFD7 SJ Power Device

IPA95R450PFD7 Datasheet (HTML) - Infineon Technologies AG


IPA95R450PFD7 Product details

Features
• Integrated ultra-fast body diode
• Best-in-class reverse recovery charge Qrr
• Best-in-class FOM RDS(on) * Eoss, reduced Qg, Ciss, and Coss
• Best-in-class V(GS)th of 3V and smallest V(GS)th variation of ±0.5V
• Integrated fast body diode
• Best-in-class CoolMOS™ quality and reliability
• Fully optimized portfolio
• Best-in-class RDS(on) in THD and SMD packages
• ESD protection min. Class 2 (HBM)

Benefits
• Excellent hard commutation robustness enabling usage in resonant
topologies
• Extra safety margin for designs with increased bus voltage
• Enabling increased power density solutions
• Improved full load efficiency in industrial SMPS applications
• Price competitiveness over previous CoolMOS™ families
• Improved production yield by reducing ESD related failures




Similar Part No. - IPA95R450PFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA95R450P7 INFINEON-IPA95R450P7 Datasheet
1Mb / 14P
950V CoolMOS짧 P7 SJ Power Device
Rev.2.3,2020-01-31
logo
Inchange Semiconductor ...
IPA95R450P7 ISC-IPA95R450P7 Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IPA95R450PFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA95R310PFD7 INFINEON-IPA95R310PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPB95R310PFD7 INFINEON-IPB95R310PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPB95R450PFD7 INFINEON-IPB95R450PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPD95R450PFD7 INFINEON-IPD95R450PFD7 Datasheet
996Kb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPW95R060PFD7 INFINEON-IPW95R060PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPW95R310PFD7 INFINEON-IPW95R310PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPA95R130PFD7 INFINEON-IPA95R130PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPA95R750P7 INFINEON-IPA95R750P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-31
IPN95R1K2P7 INFINEON-IPN95R1K2P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.0, 2018-06-01
IPU95R2K0P7 INFINEON-IPU95R2K0P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.1, 2022-01-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com