Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC514256AP Datasheet (PDF) - Toshiba Semiconductor

TC514256AP Datasheet PDF - Toshiba Semiconductor
Part # TC514256AP
Download  TC514256AP Download
File Size   775.57 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD x4 BIT DYNAMIC RAM

TC514256AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC514256AP Datasheet PDF - Toshiba Semiconductor

Part # TC514256AP
Download  TC514256AP Click to download

File Size   775.57 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD x4 BIT DYNAMIC RAM

TC514256AP Datasheet (HTML) - Toshiba Semiconductor


TC514256AP Product details

DESCRIPTION
The TC514256AP/AJ/AZ is the new generation dynamic RAM organized 262,144 words by 4 bits.
The TC514256AP/AJ/AZ utilizes TOSHIBA's CMOS Silicon gate process technology as well as advanced
circuit techniques to provide wide operating margins, both internally and to the system user.
Multiplexed address inputs permit the TC514256AP/AJ/AZ to be packaged in a standard 20 pin plastic
DIP, 26/20 pin plastic SOJ and 20/19 pin plastic ZIP. The package size provides high system bit
densities and is compatible with widely available automated testing and insertion equipment.
oriented features include single power supply of 5V±10% tolerance, direct interfacing capability with
high performance logic families such as Schottky TTL.
System

FEATURES
262,144 word by 4 bit organization
Fast access time and cycle time
trai
TAA
teac
tac
Columuess
Acces inse
CAS Access Time
Cycle Time
Fast Page Mode
Cycle Time
TCS14256AP/AJAZ-701-801-10
80ns
70ns
35ns
20ns
130ns
40ns
40ns
20ns
150ns
45ns
Single power supply of 5V±10%
with a built-in VBB generator
100ns
50ns
25ns
180ns
55ns
• Low Power
440mW MAX. Operating
(TC514256AP/AJ/AZ-70)
385mW MAX. Operating
(TC514256AP/ĀJ/AZ-80)
330mW MAX. Operating
(TC514256AP/AJ/AZ-10)
5.5mW MAX. Standby
Outputs unlatched at cycle end allows two-
dimensional chip selection
Read-Modify-Write, CAS before RAS refresh,
RAS-only refresh, Hidden refresh, and Fast
Page Mode capability
All inputs and outputs TTL compatible
512 refresh cycles/8ms
• Package
TC514256AP : DIP20-P-300B
TC514256AJ : SOJ26-P-300
TC514256AZ : ZIP20-P-400




Similar Part No. - TC514256AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514256J TOSHIBA-TC514256J Datasheet
593Kb / 16P
262,144 WORDS X 4 BIT DYNAMIC RAM
TC514256J-10 TOSHIBA-TC514256J-10 Datasheet
593Kb / 16P
262,144 WORDS X 4 BIT DYNAMIC RAM
TC514256J-12 TOSHIBA-TC514256J-12 Datasheet
593Kb / 16P
262,144 WORDS X 4 BIT DYNAMIC RAM
TC514256J-85 TOSHIBA-TC514256J-85 Datasheet
593Kb / 16P
262,144 WORDS X 4 BIT DYNAMIC RAM
TC514256P TOSHIBA-TC514256P Datasheet
593Kb / 16P
262,144 WORDS X 4 BIT DYNAMIC RAM
More results


Similar Description - TC514256AP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB41256 SIEMENS-HYB41256 Datasheet
381Kb / 15P
262,144 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC514260BJ TOSHIBA-TC514260BJ Datasheet
1Mb / 29P
262,144 WORD X 16 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4256 LG-GM71C4256 Datasheet
475Kb / 17P
262,144 WORD x 4 BIT CMOS DYNAMIC RAM
GM71C4256A LG-GM71C4256A Datasheet
1,021Kb / 18P
262,144 WORD x 4 BIT CMOS DYNAMIC RAM
logo
OKI electronic componet...
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
262,144-WORD X 1-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM514170D HITACHI-HM514170D Datasheet
271Kb / 33P
262,144-word x 16-bit Dynamic RAM
logo
Toshiba Semiconductor
TC514258P TOSHIBA-TC514258P Datasheet
1Mb / 18P
262,144 WORD X4 BIT DYNAMIC RAM
TC5164405BJ TOSHIBA-TC5164405BJ Datasheet
1Mb / 24P
16,777,216-WORD x4-BIT EDO (HYPER PAGE) DYNAMIC RAM
1998-03-26
TC51V4260DFTS-60 TOSHIBA-TC51V4260DFTS-60 Datasheet
426Kb / 7P
262,144 WORD X 16 BIT DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com