Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6135 Datasheet (PDF) - Vishay Siliconix

SFH6135 Datasheet PDF - Vishay Siliconix
Part # SFH6135
Download  SFH6135 Download
File Size   192.54 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 1 MBd, Transistor Output

SFH6135 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6135 Datasheet PDF - Vishay Siliconix

Part # SFH6135
Download  SFH6135 Click to download

File Size   192.54 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 1 MBd, Transistor Output

SFH6135 Datasheet (HTML) - Vishay Siliconix


SFH6135 Product details

DESCRIPTION
The SFH6135 and SFH6136 optocouplers feature a high
signal transmission rate and a high isolation resistance.
They have a GaAIAs infrared emitting diode, optically
coupled with an integrated photo detector which consists of
a photo diode and a high-speed transistor in a DIP-8 plastic
package. Signals can be transmitted between two
electrically separated circuits up to frequencies of 2 MHz.
The potential difference between the circuits to be coupled
should not exceed the maximum permissible reference
voltages.

FEATURES
• Isolation test voltage 5300 VRMS
• TTL compatible
• High bit rates: 1 MBit/s
• High common mode interference immunity
• Bandwidth 2 MHz
• Open collector output
• External base wiring possible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
• UL 1577
• cUL 1577
• DIN EN 60747-5-5 (VDE 0884-5)
• CQC




Similar Part No. - SFH6135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH6135 VISHAY-SFH6135 Datasheet
246Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
27-Apr-04
More results


Similar Description - SFH6135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
27-Apr-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
20-Nov-03
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
10-Jan-08
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
06-Jul-11
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
02-Nov-15
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
02-Nov-15
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
15-Nov-2021
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
High Speed Optocoupler, 1 MBd, Transistor Output
10-Nov-2021
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com