Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDP34138 Datasheet (PDF) - Vishay Siliconix

TSDP34138 Datasheet PDF - Vishay Siliconix
Part # TSDP34138
Download  TSDP34138 Download
File Size   202.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Modules for Data Transmission

TSDP34138 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSDP34138 Datasheet PDF - Vishay Siliconix

Part # TSDP34138
Download  TSDP34138 Click to download

File Size   202.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description IR Receiver Modules for Data Transmission

TSDP34138 Datasheet (HTML) - Vishay Siliconix


TSDP34138 Product details

DESCRIPTION
These products are miniaturized receivers for low speed
infrared data transmission. A PIN diode and a preamplifier
are assembled on a lead frame, the epoxy package contains
an IR filter.
The demodulated output can be directly connected to a
UART or a microprocessor. The TSDP34138 may be used
for continuous reception of data according to RS-232 at
4800 bps in noise free environments. Higher data rate
RS-232 may require data monitoring of gain levels. Non
RS-232 codings may be used to achieve continuous
average data rates up to 7800 bps in noisy ambients.
This component has not been qualified according to
automotive specifications.

FEATURES
• Very low supply current
• Continuous data rates up to 7777 bps
• Range up to 32 m
• Photo detector and preamplifier in one package
• Internal filter tuned to 38.4 kHz for 4800 bps or
57.6 kHz for 9600 bps
• Shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

MECHANICAL DATA
Pinning for TSDP341.., TSDP343..:
1 = OUT, 2 = GND, 3 = VS

ORDERING CODE
TSDP34... - 2160 pieces in tubes




Similar Part No. - TSDP34138

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDP341 VISHAY-TSDP341 Datasheet
134Kb / 7P
IR Receiver Modules for Data Transmission
22-Aug-14
TSDP341 VISHAY-TSDP341 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
TSDP341.. VISHAY-TSDP341.. Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
TSDP341 VISHAY-TSDP341_V02 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
More results


Similar Description - TSDP34138

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
IR RECEIVER FOR DATA COMMUNICATION
logo
Vishay Siliconix
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
logo
ATMEL Corporation
U2538B ATMEL-U2538B_05 Datasheet
201Kb / 9P
IR Receiver for Data Communication
logo
Vishay Siliconix
TSDP341 VISHAY-TSDP341 Datasheet
134Kb / 7P
IR Receiver Modules for Data Transmission
22-Aug-14
TSDP341 VISHAY-TSDP341_V02 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com