Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOM452T Datasheet (PDF) - Vishay Siliconix

VOM452T Datasheet PDF - Vishay Siliconix
Part # VOM452T
Download  VOM452T Download
File Size   130.03 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package

VOM452T Datasheet (PDF)

Go To PDF Page Download Datasheet
VOM452T Datasheet PDF - Vishay Siliconix

Part # VOM452T
Download  VOM452T Click to download

File Size   130.03 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package

VOM452T Datasheet (HTML) - Vishay Siliconix


VOM452T Product details

DESCRIPTION
The VOM452 and VOM453, high speed optocouplers, each
consists of a GaAlAs infrared emitting diode, optically
coupled with an integrated photo detector and a high speed
transistor. The photo detector is junction isolated from the
transistor to reduce miller capacitance effects. The open
collector output function allows circuit designers to adjust
the load conditions when interfacing with different logic
systems such as TTL, CMOS, etc.
Because the VOM452 and VOM453 have a Faraday shield
on the detector chip, it can also reject and minimize high
input to output common mode transient voltages. There is
no base connection, further reducing the potential electrical
noise entering the package.
The VOM452 and VOM453 are packaged in industry
standard SOP-5 packages and are suitable for surface
mounting.
This an ideal solution for Industrial communication bus
isolation, as well as isolated drive circuit applications such
as IPM (intelligent power module) drivers.

FEATURES
• Surface mountable
• Industry standard SOP-5 footprint
• Compatible with infrared vapor phase reflow
and wave soldering processes
• Isolation test voltage, 3750 VRMS
• Very high common mode transient immunity:
15 000 V/μs at VCM = 1500 V guaranteed (VOM453)
• High speed: 1 MBd
• TTL compatible
• Open collector output
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Fieldbus communication and control
• Logic ground isolation
• Analog signal ground isolation
• Replace pulse transformers
• IPM (intelligent power module) drivers

AGENCY APPROVALS
• UL1577
• cUL
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1




Similar Part No. - VOM452T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM452T VISHAY-VOM452T Datasheet
113Kb / 7P
Analog High Speed Optocoupler, 1 MBd, Transistor Output, SOP-5 Package
08-Apr-10
More results


Similar Description - VOM452T

ManufacturerPart #DatasheetDescription
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
19-Apr-07
VOM452T VISHAY-VOM452T Datasheet
113Kb / 7P
Analog High Speed Optocoupler, 1 MBd, Transistor Output, SOP-5 Package
08-Apr-10
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
09-Mar-12
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
Vishay Siliconix
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
09-Mar-12
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
09-Mar-12
SFH6345 VISHAY-SFH6345 Datasheet
210Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
03-Aug-15
SFH6345 VISHAY-SFH6345_V01 Datasheet
214Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
26-Jul-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com