Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD52XX-2M Datasheet (PDF) - Rohm

BD52XX-2M Datasheet PDF - Rohm
Part # BD52XX-2M
Download  BD52XX-2M Download
File Size   2331.37 Kbytes
Page   23 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Free Time Delay Setting CMOS Voltage Detector (Reset) IC

BD52XX-2M Datasheet (PDF)

Go To PDF Page Download Datasheet
BD52XX-2M Datasheet PDF - Rohm

Part # BD52XX-2M
Download  BD52XX-2M Click to download

File Size   2331.37 Kbytes
Page   23 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Free Time Delay Setting CMOS Voltage Detector (Reset) IC

BD52XX-2M Datasheet (HTML) - Rohm


BD52XX-2M Product details

General Description
ROHM's BD52xx-2M and BD53xx-2M series are highly
accurate, low current consumption Voltage Detector
ICs with a capacitor controlled time delay. The lineup
includes N-channel open drain output (BD52xx-2M)
and CMOS output (BD53xx-2M) so that the users can
select depending on the application. The devices are
available for specific detection voltage ranging from
0.9V to 5.0V with 0.1V increment.
The time delay has ±30% accuracy in the overall
operating temperature range of -40°C to 105°C.

Application
 Automotive (audio system, navigation system, etc.)




Similar Part No. - BD52XX-2M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XX-2C ROHM-BD52XX-2C Datasheet
2Mb / 24P
Free Time Delay Setting CMOS Voltage Detector (Reset) IC
More results


Similar Description - BD52XX-2M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
Free Delay Time Setting CMOS Voltage Detector IC Series
BD52XX-2C ROHM-BD52XX-2C Datasheet
2Mb / 24P
Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
Free Delay Time Setting CMOS Voltage Detector IC
BD521VNVX-2C ROHM-BD521VNVX-2C Datasheet
1Mb / 21P
Free Time Delay Setting CMOS Voltage Detector (Reset) IC
25.Apr.2022 Rev.001
BD52XXNVX-2C ROHM-BD52XXNVX-2C Datasheet
1Mb / 21P
Free Time Delay Setting CMOS Voltage Detector (Reset) IC
09.Sep.2021 Rev.003
BD52XXG-1 ROHM-BD52XXG-1 Datasheet
1Mb / 22P
Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com