Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG883543 Datasheet (PDF) - Panasonic Semiconductor

AMG883543 Datasheet PDF - Panasonic Semiconductor
Part # AMG883543
Download  AMG883543 Download
File Size   179.23 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Inductors for power circuits Wound metal BCL series (for automotive)

AMG883543 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMG883543 Datasheet PDF - Panasonic Semiconductor

Part # AMG883543
Download  AMG883543 Click to download

File Size   179.23 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Inductors for power circuits Wound metal BCL series (for automotive)

AMG883543 Datasheet (HTML) - Panasonic Semiconductor


AMG883543 Product details

FEATURES
-The adoption of the new method has resulted in a high inductance that could not be achieved with conventional metallic materials.
-Due to the properties of metallic materials, they are more able to handle larger currents than ferrite materials.
-The use of high-μ materials has made it possible to achieve low Rdc in metal products.
-The coil is fully encapsulated with a magnetic material to minimize leakage flux.
-Supports rated voltage of 40V.
-Operating temperature range: –55 to +155°C (including self-temperature rise)
-Compliant with AEC-Q200.

APPLICATION
-ADAS - Level5 for Camera




Similar Part No. - AMG883543

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMG883543 PANASONIC-AMG883543 Datasheet
965Kb / 10P
Infrared Array Sensor Grid-EYE Surface Mount Type
10-Aug-22
More results


Similar Description - AMG883543

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
Inductors for Power Circuits Wound Metal
SPM4015T-100M-LR TDK-SPM4015T-100M-LR Datasheet
147Kb / 9P
Inductors for Power Circuits Wound Metal
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
Inductors for Power Circuits Wound Metal
SPM5030T-1R0M TDK-SPM5030T-1R0M_16 Datasheet
117Kb / 9P
Inductors for Power Circuits Wound Metal
SPM3015T-1R0M-LR TDK-SPM3015T-1R0M-LR Datasheet
116Kb / 9P
Inductors for Power Circuits Wound Metal
SPM3020T-1R5M-LR TDK-SPM3020T-1R5M-LR Datasheet
118Kb / 9P
Inductors for Power Circuits Wound Metal
logo
Panasonic Semiconductor
BCL322520RT-D PANASONIC-BCL322520RT-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
logo
TDK Electronics
SPM7054VT-D TDK-SPM7054VT-D Datasheet
242Kb / 4P
Inductors for power circuits Wound metal
20200702
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com