Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM90-12SK/ENC Datasheet (PDF) - Recom International Power

RACM90-12SK/ENC Datasheet PDF - Recom International Power
Part # RACM90-12SK/ENC
Download  RACM90-12SK/ENC Download
File Size   2813.01 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 90 Watt 2” x 4” Open Frame & Enclosed Single Output

RACM90-12SK/ENC Datasheet (PDF)

Go To PDF Page Download Datasheet
RACM90-12SK/ENC Datasheet PDF - Recom International Power

Part # RACM90-12SK/ENC
Download  RACM90-12SK/ENC Click to download

File Size   2813.01 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 90 Watt 2” x 4” Open Frame & Enclosed Single Output

RACM90-12SK/ENC Datasheet (HTML) - Recom International Power


RACM90-12SK/ENC Product details

Features
• Wide range input: 85-264VAC
• Operating temperature from -40°C to +90°C
• OVC III and LPS rated
• 2MOPP medical certified, B and BF compliant
• 4000m operating altitude
• Class B EMC filter built-in




Similar Part No. - RACM90-12SK/ENC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
Long 5 Year Warranty
RACM100-12S RECOM-RACM100-12S Datasheet
405Kb / 5P
100 Watt Enclosed Case Style Single Output
RACM100-12S RECOM-RACM100-12S Datasheet
575Kb / 5P
Long 5 Year Warranty
RACM100-15S RECOM-RACM100-15S Datasheet
405Kb / 5P
100 Watt Enclosed Case Style Single Output
RACM100-15S RECOM-RACM100-15S Datasheet
575Kb / 5P
Long 5 Year Warranty
More results


Similar Description - RACM90-12SK/ENC

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA065-120M PHIHONG-PSA065-120M Datasheet
79Kb / 2P
65 Watt Open-Frame Power Supply PSA065M Single Output 2 x 4 Medical Series
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RACM40-S RECOM-RACM40-S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM65-S RECOM-RACM65-S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RAC35-G-OF RECOM-RAC35-G-OF Datasheet
548Kb / 5P
35 Watt 4 x 2 Open Frame
RAC45-G-OF RECOM-RAC45-G-OF Datasheet
550Kb / 5P
45 Watt 4 x 2 Open Frame
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
550 Watt 5??x 3??Open Frame or Enclosed Single Output
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
230 Watt 4??x 2??Open Frame or Enclosed Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com