Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S0402MH Datasheet (PDF) - STMicroelectronics

S0402MH Datasheet PDF - STMicroelectronics
Part # S0402MH
Download  S0402MH Download
File Size   60.38 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE GATE SCR

S0402MH Datasheet (PDF)

Go To PDF Page Download Datasheet
S0402MH Datasheet PDF - STMicroelectronics

Part # S0402MH
Download  S0402MH Click to download

File Size   60.38 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE GATE SCR

S0402MH Datasheet (HTML) - STMicroelectronics


S0402MH Product details

FEATURES

IT(RMS) = 4A
VDRM = 200V to 800V
Low IGT < 200 mA

DESCRIPTION

The S0402xH series of SCRs uses a high
performance MESA GLASS PNPN technology.
These parts are intended for general purpose
applications where low gate sensitivity is required.




Similar Part No. - S0402MH

ManufacturerPart #DatasheetDescription
logo
API Delevan
S0402 API-S0402 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-10NJ API-S0402-10NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-12NJ API-S0402-12NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-15NJ API-S0402-15NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-22NJ API-S0402-22NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
More results


Similar Description - S0402MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
X04XXXF STMICROELECTRONICS-X04XXXF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
XL0102DA ETC1-XL0102DA Datasheet
78Kb / 2P
SENSITIVE GATE SCR
logo
STMicroelectronics
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com