Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC51V4260DFTS Datasheet (PDF) - Toshiba Semiconductor

TC51V4260DFTS Datasheet PDF - Toshiba Semiconductor
Part # TC51V4260DFTS
Download  TC51V4260DFTS Download
File Size   426.61 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD X 16 BIT DYNAMIC RAM

TC51V4260DFTS Datasheet (PDF)

Go To PDF Page Download Datasheet
TC51V4260DFTS Datasheet PDF - Toshiba Semiconductor

Part # TC51V4260DFTS
Download  TC51V4260DFTS Click to download

File Size   426.61 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 262,144 WORD X 16 BIT DYNAMIC RAM

TC51V4260DFTS Datasheet (HTML) - Toshiba Semiconductor


TC51V4260DFTS Product details

Description
The TC51V4260DFTS is the new generation dynamic RAM organized 262,144 word by 16 bits. The TC51V4260DFTS uti-
lizes Toshiba's CMOS silicon gate process technology as well as advanced circuit techniques to provide wide operating
margins, both internally and to the system user. Multiplexed address inputs permit the TC51V4260DFTS to be packaged
in a standard 44/40 pin plastic TSOP. The package size provides high system bit densities and is compatible with widely
available automated testing and insertion equipment. System oriented features include single power supply of 3.3V+0.3V
tolerance, direct interfacing capability with high performance logic families such as Schottky TTL.

Features
• 262,144 word by 16 bit organization
• Fast access time and cycle time
• Single power supply of 3.3V+0.3V with a built-in VBB
generator
• Low Power
342mW MAX. Operating
(TC51V4260DFTS-60)
288mW MAX. Operating
(TC51V4260DFTS-70)
- 5.5mW MAX. Standby
Outputs unlatched at cycle end allows two-dimensional
chip selection
• Read-Modify-Write, CAS before RAS refresh, RAS-only
refresh, Hidden refresh, Self refresh, and Fast Page
Mode capability
All inputs and outputs TTL compatible
• 512 refresh cycles/64ms
• Package
TC51V4260DFTS: TSOP44-P-400B
Note: For packaging details see Mechanical Dimensions section.




Similar Part No. - TC51V4260DFTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC51V ETC1-TC51V Datasheet
980Kb / 10P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC51V TAK_CHEONG-TC51V Datasheet
171Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Toshiba Semiconductor
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF-12 TOSHIBA-TC51V8512AF-12 Datasheet
444Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF-15 TOSHIBA-TC51V8512AF-15 Datasheet
444Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC51V4260DFTS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
TC514260BJ TOSHIBA-TC514260BJ Datasheet
1Mb / 29P
262,144 WORD X 16 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4256 LG-GM71C4256 Datasheet
475Kb / 17P
262,144 WORD x 4 BIT CMOS DYNAMIC RAM
GM71C4256A LG-GM71C4256A Datasheet
1,021Kb / 18P
262,144 WORD x 4 BIT CMOS DYNAMIC RAM
logo
OKI electronic componet...
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
262,144-WORD X 1-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM514170D HITACHI-HM514170D Datasheet
271Kb / 33P
262,144-word x 16-bit Dynamic RAM
logo
Toshiba Semiconductor
TC514258P TOSHIBA-TC514258P Datasheet
1Mb / 18P
262,144 WORD X4 BIT DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com