Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC551001API-85L Datasheet (PDF) - Toshiba Semiconductor

TC551001API-85L Datasheet PDF - Toshiba Semiconductor
Part # TC551001API-85L
Download  TC551001API-85L Download
File Size   453.86 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT STATIC RAM

TC551001API-85L Datasheet (PDF)

Go To PDF Page Download Datasheet
TC551001API-85L Datasheet PDF - Toshiba Semiconductor

Part # TC551001API-85L
Download  TC551001API-85L Click to download

File Size   453.86 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 131,072 WORD x 8 BIT STATIC RAM

TC551001API-85L Datasheet (HTML) - Toshiba Semiconductor


TC551001API-85L Product details

Description
The TC551001API is a 1,048,576 bit CMOS static random access memory organized as 131,072 words by 8 bits and operated
from a single 5V power supply. Advanced circuit techniques provide both high speed and low power features with an operating cur-
rent of 5mA/MHz (typ.) and a minimum cycle time of 85ns. When CE1 is a logical high, or CE2 is low, the device is placed in a low
power standby mode in which the standby current is 2μA typically. The TC551001API has three control inputs. Chip enable inputs
(CE1, CE2) allow for device selection and data retention control, while an output enable input (OE) provides fast memory access.
The TC551001API is suitable for use in microprocessor systems where high speed, low power, and battery backup are required.
The TC551001API has an operating temperature range of -40 - 85°C so it is suitable for use in wide operating temperature systems.
The TC551001API is offered in a standard dual-in-line 32-pin plastic package, a small outline plastic package, and a thin small
outline plastic package (forward type, reverse type).

Features
Low power dissipation:
• Standby current:
Single 5V power supply
Access time (max.)
Access Time
CET Access Time
CE2 Access Time
ÕE Access Time
27.5mW/MHz (typ.)
4µA (max.) at Ta = 25°C
Rin Na
TC551001API/AFI/AFTI/ATRI
-85L
85ns
85ns
85ns
45ns
• Power down feature:
• Data retention supply voltage:
• Inputs and outputs TTL compatible
Wide operating temperature:
• Package
TC551001API
TC551001AFI
TC551001AFTI
TC551001ATRI
CE1, CE2
-10L
100ns
100ns
100ns
50ns
2.0-5.5V
-40 85°C
: DIP32-P-600
: SOP32-P-525
: TSOP32-P-0820
: TSOP32-P-0820A




Similar Part No. - TC551001API-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001API-85 TOSHIBA-TC551001API-85 Datasheet
441Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
More results


Similar Description - TC551001API-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
TC551001CPI TOSHIBA-TC551001CPI Datasheet
588Kb / 14P
131,072 WORD x 8 BIT STATIC RAM
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
131,072 WORD x 8 BIT STATIC RAM
TC551001API TOSHIBA-TC551001API Datasheet
441Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC551001APL TOSHIBA-TC551001APL Datasheet
462Kb / 8P
131,072 WORD x 8 BIT STATIC RAM
TC55B8128P TOSHIBA-TC55B8128P Datasheet
338Kb / 6P
131,072 WORD x 8 BIT BICMOS STATIC RAM
TC55BS8125J TOSHIBA-TC55BS8125J Datasheet
300Kb / 6P
131,072 WORD x 8 BIT SYNCHRONOUS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com