Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4997I Datasheet (PDF) - Infineon Technologies AG

TLE4997I Datasheet PDF - Infineon Technologies AG
Part # TLE4997I
Download  TLE4997I Download
File Size   1581.31 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable Linear Hall Sensor for Industrial Use

TLE4997I Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4997I Datasheet PDF - Infineon Technologies AG

Part # TLE4997I
Download  TLE4997I Click to download

File Size   1581.31 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable Linear Hall Sensor for Industrial Use

TLE4997I Datasheet (HTML) - Infineon Technologies AG


TLE4997I Product details

1.1 Features
• High linear and ratiometric push-pull rail-to-rail output
signal
• 20-bit Digital Signal Processing
• Digital temperature compensation
• 12-bit overall resolution
• Operates from -40°C up to 120°C
• Low drift of output signal over temperature and lifetime
• Programmable parameters stored in redundant EEPROM (single bit error correction):
– magnetic range and magnetic sensitivity (gain)
– zero field voltage (offset)
– bandwidth
– polarity of the output slope
– clamping option
– temperature coefficient for all common magnets
– memory lock
• Re-programmable until memory lock
• Single supply voltage 4.5 - 5.5 V (4 - 7 V in extended range)
• Continuous measurement ranges between -200 mT and +200 mT
• Slim 3-pin package (Green)
• Reverse polarity and overvoltage protection for all pins
• Output short circuit protection
• On-board diagnostics (wire breakage detection, undervoltage, overvoltage)
• Digital readout of internal temperature and magnetic field values in calibration mode.
• Individual programming and operation of multiple sensors with common power supply
• Two-point calibration of magnetic transfer function
• Precise calibration without iteration steps
• High immunity against mechanical stress, EMC, ESD




Similar Part No. - TLE4997I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4997 INFINEON-TLE4997 Datasheet
2Mb / 36P
Programmable Linear Hall Sensor for Industrial Use
V 1.0, June 2007
TLE4997 INFINEON-TLE4997 Datasheet
2Mb / 34P
Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4997A8 INFINEON-TLE4997A8 Datasheet
1Mb / 22P
Integration of two individual programmable Linear Hall sensor IC?셲 with ratiometric analog output signal.
Revision 1.1, 2018-01
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 22P
Integration of two individual programmable Linear Hall sensor IC?셲 with ratiometric analog output signal.
Revision 1.1, 2018-01
More results


Similar Description - TLE4997I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4997 INFINEON-TLE4997 Datasheet
2Mb / 36P
Programmable Linear Hall Sensor for Industrial Use
V 1.0, June 2007
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
Programmable Linear Hall Sensor
Rev 1.1, September 2009
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
2004-09-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com