Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS202A1 Datasheet (PDF) - Infineon Technologies AG

TLS202A1 Datasheet PDF - Infineon Technologies AG
Part # TLS202A1
Download  TLS202A1 Download
File Size   922.36 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Adjustable Linear Voltage Post Regulator

TLS202A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS202A1 Datasheet PDF - Infineon Technologies AG

Part # TLS202A1
Download  TLS202A1 Click to download

File Size   922.36 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Adjustable Linear Voltage Post Regulator

TLS202A1 Datasheet (HTML) - Infineon Technologies AG


TLS202A1 Product details

Features
• Adjustable Output Voltage from 1.2 V to 5.25 V
• Output Voltage Accuracy of ±3 %
• Output Currents up to 150 mA
• Extended Input Voltage Operating Range of 2.7 V to 18 V
• Low Dropout Voltage: typ. 290mV
• Very Low Current Consumption: typ. 50 μA
• Very High PSRR: typ. 65dB at 10kHz
• Output Current Limitation
• Short Circuit protected
• Overtemperature Shutdown
• Wide Temperature Range From -40 °C up to 150 °C
• Suitable for Use in Automotive Electronics as Post Regulator
• Green Product (RoHS compliant)
• AEC Qualified




Similar Part No. - TLS202A1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Similar Description - TLS202A1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com