Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4020 Datasheet (PDF) - Vishay Siliconix

VCNL4020 Datasheet PDF - Vishay Siliconix
Part # VCNL4020
Download  VCNL4020 Download
File Size   213.33 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function

VCNL4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCNL4020 Datasheet PDF - Vishay Siliconix

Part # VCNL4020
Download  VCNL4020 Click to download

File Size   213.33 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function

VCNL4020 Datasheet (HTML) - Vishay Siliconix


VCNL4020 Product details

DESCRIPTION
The VCNL4020 is a fully integrated proximity and ambient
light sensor. Fully integrated means that the infrared emitter
is included in the package. It has 16 bit resolution. It
includes a signal processing IC and features standard I2C
communication interface. It features an interrupt function.

APPLICATIONS
• Proximity sensor for mobile devices (e.g. smart phones,
touch phones, PDA, GPS) for touch screen locking, power
saving, etc.
• Integrated ambient light function for display/keypad
contrast control and dimming of mobile devices
• Proximity / optical switch for consumer, computing and
industrial devices and displays
• Dimming control for consumer, computing and industrial
displays

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.90 x 2.40 x 0.83
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS-PD), proximity sensor
(PD), and signal conditioning IC
• Interrupt function
• Supply voltage range VDD: 2.5 V to 3.6 V
• Supply voltage range IR anode: 2.5 V to 5 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 5 V
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low stand by current consumption: 1.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

PROXIMITY FUNCTION
• Built-in infrared emitter and photo-pin-diode for proximity
function
• 16 bit effective resolution for proximity detection range
ensures excellent cross talk immunity
• Programmable LED drive current from 10 mA to 200 mA in
10 mA steps
• Excellent ambient light suppression by signal modulation
• Proximity distance up to 200 mm

AMBIENT LIGHT FUNCTION
• Built-in ambient light photo-pin-diode with
close-to-human-eye sensitivity
• 16 bit dynamic range from 0.25 lx to 16 klx
• 100 Hz and 120 Hz flicker noise rejection




Similar Part No. - VCNL4020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
VCNL4020 VISHAY-VCNL4020 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020-GS08 VISHAY-VCNL4020-GS08 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020-GS18 VISHAY-VCNL4020-GS18 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
More results


Similar Description - VCNL4020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010-GS08 VISHAY-VCNL4010-GS08 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
VCNL4020X01 VISHAY-VCNL4020X01 Datasheet
226Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
13-Aug-14
VCNL4010 VISHAY-VCNL4010_V01 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V01 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4010 VISHAY-VCNL4010_V02 Datasheet
209Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020X01 VISHAY-VCNL4020X01_V02 Datasheet
217Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4020 VISHAY-VCNL4020_V02 Datasheet
213Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
20-Mar-18
VCNL4030X01 VISHAY-VCNL4030X01_V01 Datasheet
314Kb / 20P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
18-Mar-2020
VCNL4040 VISHAY-VCNL4040_V02 Datasheet
435Kb / 22P
Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
04-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com