Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEML6035 Datasheet (PDF) - Vishay Siliconix

VEML6035 Datasheet PDF - Vishay Siliconix
Part # VEML6035
Download  VEML6035 Download
File Size   223.28 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Power, High Sensitivity, I2C Ambient Light Sensor

VEML6035 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEML6035 Datasheet PDF - Vishay Siliconix

Part # VEML6035
Download  VEML6035 Click to download

File Size   223.28 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Power, High Sensitivity, I2C Ambient Light Sensor

VEML6035 Datasheet (HTML) - Vishay Siliconix


VEML6035 Product details

DESCRIPTION
VEML6035 is a 16-bit low power, high sensitivity CMOS
ambient light sensor operated via a simple I2C command.
The sensor offers an active interruption feature that is
triggered outside of the threshold window settings
eliminating loading on the host. Active average power
consumption is around 300 μW.
VEML6035 incorporates a photodiode, amplifiers, and
analog / digital circuits in a single chip. Vishay’s patented
FiltronTM technology, a wafer level optical filter, provides
the best spectral sensitivity to match human eye responses.
The sensor has excellent temperature compensation to
maintain output stability under changing temperature and its
refresh rate setting does not need an external RC low pass
filter. There is a programmable shutdown mode which
reduces current consumption to 0.5 μA. Operating voltage
ranges from 1.7 V to 3.6 V.

FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 2.0 x 2.0 x 0.4
• Integrated modules: ambient light sensor (ALS)
• Supply voltage range VDD: 1.7 V to 3.6 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 3.6 V
• Floor life: 168 h, MSL 3, according to J-STD-020
• Low stand by current consumption: typ. 0.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Ambient light sensor for mobile devices (e.g. smart
phones, touch phones, PDA, GPS) for backlight dimming
even under tinted glass
• Ambient light sensor for industrial on- / off-lighting
operation
• Optical switch for consumer, computing, and industrial
devices and displays

AMBIENT LIGHT FUNCTION
• High ALS sensitivity with minimum detectable intensity of
0.0004 lux/bit supports low transmittance lens design
• 100 Hz and 120 Hz flicker noise rejection
• Excellent temperature compensation
• High dynamic detection resolution

INTERRUPT FEATURE (INT) SUPPORT
Programmable interrupt function with upper and lower
thresholds. Adjustable persistence to prevent false triggers.




Similar Part No. - VEML6035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6035 VISHAY-VEML6035 Datasheet
222Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
12-Mar-2019
VEML6035 VISHAY-VEML6035 Datasheet
223Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
26-Nov-2019
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
26-Nov-2019
More results


Similar Description - VEML6035

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-749803 AMI-AMIS-749803 Datasheet
462Kb / 15P
(I2C) Ambient Light Sensor
logo
List of Unclassifed Man...
CM32181 ETC1-CM32181 Datasheet
1,002Kb / 16P
Low Power, High Sensitivity I2C Ambient Light Sensor
logo
Vishay Siliconix
VEML6035 VISHAY-VEML6035 Datasheet
222Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
12-Mar-2019
VEML3235SL VISHAY-VEML3235SL Datasheet
365Kb / 14P
Low Power, High Sensitivity, I2C Ambient Light Sensor
18-Dec-2020
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML3235SL VISHAY-VEML3235SL_V01 Datasheet
445Kb / 13P
Low Power, High Sensitivity, I2C Ambient Light Sensor
19-Nov-2021
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
Low Power, High Sensitivity, I2C Ambient Light Sensor
19-Nov-2021
VEML3235 VISHAY-VEML3235_V02 Datasheet
236Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
22-Feb-2021
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
Low Power, High Sensitivity, I2C Ambient Light Sensor
26-Nov-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com