Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM1Q104FJ Datasheet (PDF) - Rohm

BM1Q104FJ Datasheet PDF - Rohm
Part # BM1Q104FJ
Download  BM1Q104FJ Download
File Size   1328.2 Kbytes
Page   29 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Quasi-Resonant Control DC/DC converter IC

BM1Q104FJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BM1Q104FJ Datasheet PDF - Rohm

Part # BM1Q104FJ
Download  BM1Q104FJ Click to download

File Size   1328.2 Kbytes
Page   29 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Quasi-Resonant Control DC/DC converter IC

BM1Q104FJ Datasheet (HTML) - Rohm


BM1Q104FJ Product details

General
The quasi-resonant controller typed AC/DC converter IC
“BM1Q104FJ" provides an optimum system for all
products that include an electrical outlet. The
quasi-resonant operation enables soft switching and
helps to keep EMI low. As MOSFET for switching and
current detection resistors are external devices, a higher
degree of design freedom is achieved.
IC builds in HV starter circuit that tolerates high voltage,
it contributes to low consumption power and high speed
start. Because IC consumption current is very low and
burst operation in light load, the stand-by power is very
low.
IC controls to switch bottom numbers in response to
loads. And IC builds in harsh sound prevention function of
transformer in burst operation.
Because IC builds-in soft-start, burst mode, over current
limiter which is cycle-by-cycle, over load protection, over
voltage protection, CS open protection and so on, IC
provides safety.

Features
Quasi-resonant method
Built-in 650V tolerate start circuit
Low consumption power in light load
Bottom skip control
Sound of transformer reduction function
Harsh sound prevention of transformer function
VCC pin : under voltage protection
Over-current protection (cycle-by-cycle)
OUT pin : H voltage 12.5V clamp
Soft start
ZT trigger mask function
ZT Over voltage protection
FB Over Load protection [Auto-restart]
CS pin open protection [Auto-restart]

Applications
Printer, Copy machine, AC adapter, etc




Similar Part No. - BM1Q104FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q001FJ ROHM-BM1Q001FJ Datasheet
1Mb / 29P
Quasi-Resonant Control type DC/DC Converter IC
BM1Q001FJ-E2 ROHM-BM1Q001FJ-E2 Datasheet
1Mb / 29P
Quasi-Resonant Control type DC/DC Converter IC
BM1Q002AFJ-LBE2 ROHM-BM1Q002AFJ-LBE2 Datasheet
1Mb / 42P
Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
BM1Q002FJ ROHM-BM1Q002FJ Datasheet
1Mb / 29P
Quasi-Resonant Control type DC/DC Converter IC
BM1Q002FJ-E2 ROHM-BM1Q002FJ-E2 Datasheet
1Mb / 29P
Quasi-Resonant Control type DC/DC Converter IC
More results


Similar Description - BM1Q104FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
Automotive Quasi-Resonant Flyback Control IC
logo
Rohm
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
Quasi-Resonant Control type DC/DC Converter IC
BM1Q011FJ ROHM-BM1Q011FJ Datasheet
1Mb / 30P
Quasi-Resonant Control type DC/DC Converter IC
BM1050AF-G ROHM-BM1050AF-G Datasheet
2Mb / 51P
Quasi-Resonant Control DC/DC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
Mitsumi Electronics, Co...
MM3661 MITSUMI-MM3661 Datasheet
48Kb / 4P
The quasi resonant control IC for AC-DC converter
logo
Rohm
BM1Q0XXAFJ-LB ROHM-BM1Q0XXAFJ-LB Datasheet
1Mb / 42P
Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com