Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55464AJ Datasheet (PDF) - Toshiba Semiconductor

TC55464AJ Datasheet PDF - Toshiba Semiconductor
Part # TC55464AJ
Download  TC55464AJ Download
File Size   159.6 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD x 4 BIT CMOS STATIC RAM

TC55464AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55464AJ Datasheet PDF - Toshiba Semiconductor

Part # TC55464AJ
Download  TC55464AJ Click to download

File Size   159.6 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD x 4 BIT CMOS STATIC RAM

TC55464AJ Datasheet (HTML) - Toshiba Semiconductor


TC55464AJ Product details

Description
The TC55464AP/AJ is a 262,144 bit high speed CMOS static random access memory organized as 65,536 words by 4 bits and
operated from a single 5V supply Toshiba's advanced CMOS technology and circuit design enable high speed operation.
The TC55464AP/AJ features low power dissipation when the device is deselected using chip enable (CE). Also, the device
power between memory accesses is reduced by an automatic power down circuit.
The TC55464AP/AJ is suitable for use in high speed applications such as cache memory and high speed storage. All inputs
and outputs are TTL compatible.
The TC55464AP/AJ is available in a 300mil width, 24-pin DIP and SOJ suitable for high density surface assembly.

Features
• Fast access time
TC55464AP/AJ-15
-
- TC55464AP/AJ-20
TC55464AP/AJ-25
TC55464AP/AJ-35
• Low power dissipation
Operation:
TC55464AP/AJ-10
TC55464AP/AJ-20
TC55464AP/AJ-25
- TC55464AP/AJ-35
- Standby:
15ns (max.)
20ns (max.)
25ns (max.)
35ns (max.)
120mA (max.)
120mA (max.)
120mA (max.)
100mA (max.)
1mA (max)
• Single 5V power supply: 5V±10%
• Fully static operation
• Inputs and outputs TTL compatible
• Package:
- TC55464AP: DIP24-P-300B
- TC55464AJ: SOJ24-P-300A




Similar Part No. - TC55464AJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55465AJ TOSHIBA-TC55465AJ Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AJ-15 TOSHIBA-TC55465AJ-15 Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AJ-20 TOSHIBA-TC55465AJ-20 Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AJ-25 TOSHIBA-TC55465AJ-25 Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC55465AJ-35 TOSHIBA-TC55465AJ-35 Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
More results


Similar Description - TC55464AJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
65,536-WORD BY 16-BIT CMOS STATIC RAM
TC51864PL TOSHIBA-TC51864PL Datasheet
484Kb / 9P
65,536 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551664J TOSHIBA-TC551664J Datasheet
394Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562P TOSHIBA-TC5562P Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC55B464P TOSHIBA-TC55B464P Datasheet
317Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55B465P TOSHIBA-TC55B465P Datasheet
333Kb / 7P
65,536 WORD x 4 BIT BICMOS STATIC RAM
TC55V1664J TOSHIBA-TC55V1664J Datasheet
212Kb / 7P
65,536 WORD x 16 BIT CMOS STATIC RAM
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
65,536 WORD x 18 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com