Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJVMJB44H11 Datasheet (PDF) - ON Semiconductor

NJVMJB44H11 Datasheet PDF - ON Semiconductor
Part # NJVMJB44H11
Download  NJVMJB44H11 Download
File Size   184.81 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Power Transistors D2PAK for Surface Mount

NJVMJB44H11 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJVMJB44H11 Datasheet PDF - ON Semiconductor

Part # NJVMJB44H11
Download  NJVMJB44H11 Click to download

File Size   184.81 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Power Transistors D2PAK for Surface Mount

NJVMJB44H11 Datasheet (HTML) - ON Semiconductor


NJVMJB44H11 Product details

Complementary power transistors are for general purpose power
amplification and switching such as output or driver stages in
applications such as switching regulators, converters and power
amplifiers.

Features
• Low Collector−Emitter Saturation Voltage −
VCE(sat) = 1.0 V (Max) @ 8.0 A
• Fast Switching Speeds
• Complementary Pairs Simplifies Designs
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B > 8000 V
Machine Model, C > 400 V
• NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• Pb−Free Packages are Available




Similar Part No. - NJVMJB44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJVMJB44H11T4G ONSEMI-NJVMJB44H11T4G Datasheet
115Kb / 6P
Complementary Power Transistors
May, 2013 ??Rev. 5
More results


Similar Description - NJVMJB44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJB44H11 ONSEMI-MJB44H11_05 Datasheet
64Kb / 6P
Complementary Power Transistors D2PAK for Surface Mount
December, 2005 ??Rev. 2
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Central Semiconductor C...
CJD31C CENTRAL-CJD31C_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD2955 CENTRAL-CJD2955_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_10 Datasheet
604Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C_15 Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com