Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTBLS1D5N10MCTXG Datasheet (PDF) - ON Semiconductor

NTBLS1D5N10MCTXG Datasheet PDF - ON Semiconductor
Part # NTBLS1D5N10MCTXG
Download  NTBLS1D5N10MCTXG Download
File Size   272.19 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, TOLL 100 V, 1.5 m, 312 A

NTBLS1D5N10MCTXG Datasheet (PDF)

Go To PDF Page Download Datasheet
NTBLS1D5N10MCTXG Datasheet PDF - ON Semiconductor

Part # NTBLS1D5N10MCTXG
Download  NTBLS1D5N10MCTXG Click to download

File Size   272.19 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, TOLL 100 V, 1.5 m, 312 A

NTBLS1D5N10MCTXG Datasheet (HTML) - ON Semiconductor


NTBLS1D5N10MCTXG Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• Lowers Switching Noise/EMI
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NTBLS1D5N10MCTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBLS1D5N08MC ONSEMI-NTBLS1D5N08MC Datasheet
461Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.53 m, 298 A
September, 2019 ??Rev. 0
More results


Similar Description - NTBLS1D5N10MCTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDBL9403-F085T6 ONSEMI-FDBL9403-F085T6 Datasheet
217Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 40 V, 0.95 m, 300 A
June, 2020 ??Rev. 0
NTBLS0D7N06C ONSEMI-NTBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021 ??Rev. 3
NTBLS1D7N08H ONSEMI-NTBLS1D7N08H Datasheet
364Kb / 8P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 203 A
January, 2021 ??Rev. 2
NVBLS001N06C ONSEMI-NVBLS001N06C Datasheet
406Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.9 m, 422 A
July, 2021-Rev. 2
NVBLS0D7N06C ONSEMI-NVBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021-Rev. 1
NVBLS1D1N08H ONSEMI-NVBLS1D1N08H Datasheet
424Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
March, 2020-Rev. 2
NVBLS1D5N10MC ONSEMI-NVBLS1D5N10MC Datasheet
271Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.5 m, 300 A
April, 2022-Rev. 2
NVBLS1D7N10MC ONSEMI-NVBLS1D7N10MC Datasheet
271Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.8 m, 265 A
April, 2022 ??Rev. 2
NTBLS1D7N10MC ONSEMI-NTBLS1D7N10MC Datasheet
272Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.8 m, 272 A
April, 2022 - Rev. 2
NVBLS0D8N08X ONSEMI-NVBLS0D8N08X Datasheet
290Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A
May, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com