Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCUT1630X01 Datasheet (PDF) - Vishay Siliconix

TCUT1630X01 Datasheet PDF - Vishay Siliconix
Part # TCUT1630X01
Download  TCUT1630X01 Download
File Size   320.99 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding

TCUT1630X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCUT1630X01 Datasheet PDF - Vishay Siliconix

Part # TCUT1630X01
Download  TCUT1630X01 Click to download

File Size   320.99 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding

TCUT1630X01 Datasheet (HTML) - Vishay Siliconix


TCUT1630X01 Product details

DESCRIPTION
The TCUT1630X01 is a compact transmissive sensor that
includes an infrared emitter and three phototransistor
detectors, located face-to-face in a surface-mount
package. The tall dome design supports an additional
transistor and additional mechanical room for vertical signal
encoding.

FEATURES
• Package type: surface-mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.7 x 5.9 x 7.1
• AEC-Q101 qualified
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Typical output current under test: IC = 1.3 mA
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Moisture sensitivity level (MSL): 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive optical sensors
• Accurate position sensor for encoder
• Sensor for motion, speed, and direction
• Sensor for “turn and push” encoding




Similar Part No. - TCUT1630X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCUT1630X01 VISHAY-TCUT1630X01 Datasheet
371Kb / 8P
Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding
21-Feb-18
More results


Similar Description - TCUT1630X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCUT1300X01 VISHAY-TCUT1300X01_11 Datasheet
324Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
17-May-11
TCUT1350X01 VISHAY-TCUT1350X01 Datasheet
319Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
14-Mar-13
TCUT1600X01 VISHAY-TCUT1600X01 Datasheet
226Kb / 8P
Tall Dome Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
06-Nov-15
TCUT1630X01 VISHAY-TCUT1630X01 Datasheet
371Kb / 8P
Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding
21-Feb-18
TCUT1300X01 VISHAY-TCUT1300X01_V01 Datasheet
313Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
04-Oct-11
TCUT1350X01 VISHAY-TCUT1350X01_V01 Datasheet
320Kb / 13P
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
14-Mar-13
TCUT1800X01 VISHAY-TCUT1800X01_V01 Datasheet
290Kb / 9P
Quad Channel Transmissive Optical Sensor With Phototransistor Outputs for Absolute and Incremental Encoding
25-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com