Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60E3 Datasheet (PDF) - STMicroelectronics

SPC574S60E3 Datasheet PDF - STMicroelectronics
Part # SPC574S60E3
Download  SPC574S60E3 Download
File Size   1611.15 Kbytes
Page   77 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASILD applications

SPC574S60E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC574S60E3 Datasheet PDF - STMicroelectronics

Part # SPC574S60E3
Download  SPC574S60E3 Click to download

File Size   1611.15 Kbytes
Page   77 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASILD applications

SPC574S60E3 Datasheet (HTML) - STMicroelectronics


SPC574S60E3 Product details

Features
• AEC-Q100 qualified
• High performance e200z4d dual core
– 32-bit Power Architecture technology CPU
– Core frequency as high as 140 MHz
– Dual issue 5-stage pipeline in-order
execution core
– Variable Length Encoding (VLE)
– Core MPU
– Floating Point, End-to-End Error Correction
– 8 KB instruction cache with error detection
code
– 32 KB local data RAM and 4 KB data cache
along with 8 KB instruction cache
• 1600 KB (1.5 MB code + 64 KB data) on-chip
flash memory: supports read during program
and erase operations, and multiple blocks
allowing EEPROM emulation
• 128 KB on-chip RAM (96 KB on chip
RAM + 32 KB local data RAM)
• Multi-channel direct memory access controller
(eDMA) with 32 channels
• Comprehensive new generation ASILD safety
concept
– ASILD SEooC approach (Safety Element
out of Context)
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– End-to-end Error Correction Code
(e2eECC) logic
– Cyclic redundancy check (CRC) unit
• 8 enhanced 12-bit SAR analog converters
– 2 sets of: 3 ADCs and one supervisor ADC
– 1.5 μs conversion time at 12 MHz
– Up to 32 physical channels
– Dual Programmable CTU
• 4 general purpose eTimer units (6 channels
each)
• 4 FlexPWM units
– 2 (4 channels each) used for motor control
with hardware synchronization between the
control systems
– 2 (2 channels each) used for SWG
emulation
• Communication interfaces
– 4 LINFlexD modules
– 4 deserial serial peripheral interface (DSPI)
modules
– 2 MCAN interfaces with advanced shared
memory scheme (808 x 32-bit words for
MCAN0 and 520 x 32-bit words for
MCAN1) and CAN-FD support
– 1 FlexRay module with 2 channels, 128
message buffers
– 2 SENT interfaces (3 channels each)
• Dual phase-locked loops with stable clock
domain for peripherals and FM modulation
domain for computational shell
• Nexus Class 3 debug and trace interface
• On-chip CAN/UART Bootstrap loader with
BAF. Physical Interface (PHY) can be UART
• Advanced and flexible supply scheme
– On-chip voltage regulator for 1.2 V core
logic supply. Bypass mode supported for
external 1.2 V core logic supply
– 3.3 V or 5 V IO and ADC supply (2
independent power domains available)
• Junction temperature range -40 °C to 150 °C

Description
The SPC574Sx is a family of next generation microcontrollers built on the Power
Architecture embedded category.
The SPC574Sx family of 32-bit microcontrollers is the latest achievement in integrated
automotive application controllers. It belongs to an expanding family of automotive-focused
products designed to address the next wave of Chassis and Safety electronics applications
within the vehicle. The advanced and cost-efficient host processor core of this automotive
controller family complies with the Power Architecture embedded category and only
implements the VLE (variable-length encoding) APU, providing improved code density. It
operates at speeds of up to 140 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current
Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users implementations.




Similar Part No. - SPC574S60E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
SPC574SADPT244S STMICROELECTRONICS-SPC574SADPT244S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
More results


Similar Description - SPC574S60E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
RPC56EL60L5 STMICROELECTRONICS-RPC56EL60L5 Datasheet
2Mb / 137P
microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
23-Sep-2014
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
STMicroelectronics
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com