Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST27128AP Datasheet (PDF) - STMicroelectronics

ST27128AP Datasheet PDF - STMicroelectronics
Part # ST27128AP
Download  ST27128AP Download
File Size   570.44 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM

ST27128AP Datasheet (PDF)

Go To PDF Page Download Datasheet
ST27128AP Datasheet PDF - STMicroelectronics

Part # ST27128AP
Download  ST27128AP Click to download

File Size   570.44 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM

ST27128AP Datasheet (HTML) - STMicroelectronics


ST27128AP Product details

■ FAST ACCESS TIME: 150ns
■0 to +70°C STANDARD TEMPERATURE
RANGE
SINGLE +5V POWER SUPPLY
+10% VCC TOLERANCE AVAILABLE
■LOW STANDBY CURRENT (40mA MAX)
■ TTL COMPATIBLE DURING READ AND
PROGRAM
■FAST PROGRAMMING ALGORITHM
ELECTRONIC SIGNATURE

DESCRIPTION
The ST27128AP is a 131,072-bit one time program-
mable read only memory (OTPROM). It is orga-
nized as 16,384 words by 8 bits and manufactured
using SGS-THOMSON' NMOS-E3 process.
The ST27128AP with its single +5V power sup-
ply and with an access time of 200ns, is ideal for
use with high performance +5V microprocessor
such as Z8, Z80 and Z8000. The ST27128AP has
an important feature which is to separate the out-
put control, Ouptut Enable (OE) from the Chip Ena-
ble control (CE). The OE control eliminates bus
contention in multiple bus microprocessor systems.
The ST27128AP also features a standby mode
which reduces the power dissipation without increa-
sing access time. The active current is 85mA whi-
le the maximum standby current is only 40mA, a
53% saving. The standby mode is achieved by ap-
plying a TTL-high signal to the CE input. The
ST27128AP has an "Electronic Signature" that al-
lows programmers to automatically identify devi-
ce type and pinout. The ST27128AP is available
in a 28-lead dual in-line plastic package and the-
refore cannot be rewritten.




Similar Part No. - ST27128AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
More results


Similar Description - ST27128AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN27C256FP HITACHI-HN27C256FP Datasheet
367Kb / 6P
32768 WORD X 8 BIT CMOS ONE TIME ELECTICALLY PROGRAMMABLE ROM
logo
Zilog, Inc.
Z8PE002 ZILOG-Z8PE002 Datasheet
608Kb / 48P
FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
logo
NEC
UPD2364A NEC-UPD2364A Datasheet
96Kb / 2P
8,192 x 8-BIT MASK-PROGRAMMABLE NMOS ROM
UPD2364E NEC-UPD2364E Datasheet
128Kb / 2P
8,192 x 8-BIT MASK-PROGRAMMABLE NMOS ROM
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
Hitachi Semiconductor
HN27C64FP HITACHI-HN27C64FP Datasheet
227Kb / 5P
8192-WORD X 8BIR ONE TIME ELECTRICALLY PROGRAMMABLE CMOS ROM
logo
ATMEL Corporation
AT27C010-45JU ATMEL-AT27C010-45JU Datasheet
790Kb / 13P
1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70PU ATMEL-AT27C010-70PU Datasheet
790Kb / 13P
1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
One-time Programmable, Read-only Memory
logo
Xilinx, Inc
XC17S00 XILINX-XC17S00_1 Datasheet
166Kb / 11P
Spartan/XL Family One-Time Programmable
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com