Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6294 Datasheet (PDF) - STMicroelectronics

ST6294 Datasheet PDF - STMicroelectronics
Part # ST6294
Download  ST6294 Download
File Size   623.37 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT HCMOS MCU WITH A/D CONVERTER, EEPROM & AUTO-RELOAR TIMER

ST6294 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6294 Datasheet PDF - STMicroelectronics

Part # ST6294
Download  ST6294 Click to download

File Size   623.37 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT HCMOS MCU WITH A/D CONVERTER, EEPROM & AUTO-RELOAR TIMER

ST6294 Datasheet (HTML) - STMicroelectronics


ST6294 Product details

3 to 6.0V Supply Operating Range
8 MHz Maximum Clock Frequency
-25 to +85°C Operating Temperature Range
Run, Wait & Stop Modes
■ 5 different interrupt vectors
■ Look-up table capability in ROM
User ROM:
■ Data ROM:
3868 bytes
User selectable size
(in program ROM)
128 bytes
128 bytes
Data RAM:
■ EEPROM:
■ PDIP28, PSO28 packages
■ 21 fully software programmable I/O as:
- Input with pull-up resistor
- Input without pull-up resistor
- Input with interrupt generation
-Open-drain or push-pull outputs
-Analog Inputs
8 I/O lines can sink up to 20mA for direct LED or
TRIAC driving
■ 8 bit counter with a 7-bit programmable prescaler
(Timer1)
. 8 bit auto-reload timer with 7-bit programmable
prescaler (AR Timer)
■ Digital Watchdog
■ 8 bit A/D Converter with up to 13 analog inputs
▪ 8 bit Synchronous Peripheral Interface (SPI)
■ On-chip clock oscillator (Quartz Crystal or Ce-
ramic)
■ Power-on Reset
■ Clock output
■9 powerful addressing modes
■ The development tool of the ST6294 microcon-
trollers consists of the ST626x-EMU emulation
and development system connected via a stand-
ard RS232 serial line to an MS-DOS Personal
Computer

GENERAL DESCRIPTION
The ST6294 microcontroller is member of the 8-bit
HCMOS ST62xx family, a series of devices oriented
to low-medium complexity applications. All ST62xx
members are based on a building block approach: a
common core is surrounded by a combination of on-
chip peripherals (macrocells).
The macrocells of the ST6294 are: the Timer pe-
ripheral that includes an 8-bit counter with a 7-bit
software programmable prescaler (Timer1), the 8-
bit Auto-reload Timer with 7 bit programmable
prescaler (AR Timer), the 8-bit A/D Converter with
up to 13 analog inputs (A/D inputs are alternate
functions of I/O pins), the Digital Watchdog (DWD)
and an 8-bit Serial synchronous Peripheral Inter-
face (SPI). In addition, these devices offer 128
bytes of EEPROM for non volatile data storage.
The ST6294 is a version of the ST6265 specifically
tailored to be used in telephone set applications.
The only difference is that a CKOUT pin is provided
instead of the NMI pin. For this reason this
datasheet only contains information relating to the
differences to the ST6265, and thus should be read
in conjunction with the ST6265 datasheet. The
ST62E94 EPROM version is available for prototypes
and low-volume production; also OTP version is
available.




Similar Part No. - ST6294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6200 STMICROELECTRONICS-ST6200 Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
1Mb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
01-Jan-1970
ST6200C STMICROELECTRONICS-ST6200C Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST6200CB1 STMICROELECTRONICS-ST6200CB1 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
More results


Similar Description - ST6294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T30B STMICROELECTRONICS-ST62T30B Datasheet
577Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.5
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.3
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
Apr-1998
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
Feb-1997
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Feb-2002
ST6253C STMICROELECTRONICS-ST6253C Datasheet
1Mb / 83P
8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
27-Mar-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com