Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVM7T2AFT80 Datasheet (PDF) - Toshiba Semiconductor

TC58FVM7T2AFT80 Datasheet PDF - Toshiba Semiconductor
Part # TC58FVM7T2AFT80
Download  TC58FVM7T2AFT80 Download
File Size   622.28 Kbytes
Page   69 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY

TC58FVM7T2AFT80 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC58FVM7T2AFT80 Datasheet PDF - Toshiba Semiconductor

Part # TC58FVM7T2AFT80
Download  TC58FVM7T2AFT80 Click to download

File Size   622.28 Kbytes
Page   69 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY

TC58FVM7T2AFT80 Datasheet (HTML) - Toshiba Semiconductor


TC58FVM7T2AFT80 Product details

DESCRIPTION
The TC58FVM7T2A/B2A is a 134217728-bit, 3.0-V read-only electrically erasable and programmable flash
memory organized as 16777216 × 8 bits or as 8388608 × 16 bits. The TC58FVM7T2A/B2A features commands for
Read, Program and Erase operations to allow easy interfacing with microprocessors. The commands are based on
the JEDEC standard. The Program and Erase operations are automatically executed in the chip. The
TC58FVM7T2A/B2A also features a Simultaneous Read/Write operation so that data can be read during a Write or
Erase operation.

FEATURES
• Power supply voltage
VDD = 2.3 V~3.6 V
• Operating temperature
Ta = −40°C~85°C
• Organization
16M × 8 bits/8M × 16 bits
• Functions
Simultaneous Read/Write
Page Read (8-word/16-byte)
Auto Program, Auto Page Program
Auto Block Erase, Auto Chip Erase
Fast Program Mode/Acceleration Mode
Program Suspend/Resume
Erase Suspend/Resume
Data Polling/Toggle Bit
Block Protection, Boot Block Protection
Automatic Sleep, Support for Hidden ROM Area
Common Flash Memory Interface (CFI)
Byte/Word Modes
• Block erase architecture
8 × 8 Kbytes/255 × 64 Kbytes
• Boot block architecture
TC58FVM7T2A: top boot block
TC58FVM7B2A: bottom boot block
• Mode control
Compatible with JEDEC standard commands
• Erase/Program cycles
105 cycles typ




Similar Part No. - TC58FVM7T2AFT80

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM7T2AFT TOSHIBA-TC58FVM7T2AFT Datasheet
649Kb / 68P
128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
649Kb / 68P
128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
More results


Similar Description - TC58FVM7T2AFT80

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58DVM72A1F TOSHIBA-TC58DVM72A1F Datasheet
369Kb / 34P
128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
8M Bits (1Mx8) Flash Memory
logo
Toshiba Semiconductor
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com