Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC280P Datasheet (PDF) - Toshiba Semiconductor

TC74HC280P Datasheet PDF - Toshiba Semiconductor
Part # TC74HC280P
Download  TC74HC280P Download
File Size   143.94 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 9-BIT ODD/EVEN PARITY GENERATOR/CHECKER

TC74HC280P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74HC280P Datasheet PDF - Toshiba Semiconductor

Part # TC74HC280P
Download  TC74HC280P Click to download

File Size   143.94 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 9-BIT ODD/EVEN PARITY GENERATOR/CHECKER

TC74HC280P Datasheet (HTML) - Toshiba Semiconductor


TC74HC280P Product details

The TC74HC280 is a high speed CMOS 9-BIT PARITY GENERATOR fabricated with silicon gate
CMOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the
CMOS low power dissipation.
It is composed of nine data inputs (A thru 1) and odd/even parity outputs (2ODD and
EVEN).
The nine input data control the output conditions.
When the number of high level inputs is odd, ODD output is kept high and EVEN output
low. On the contrary, when the number is even, EVEN output is kept high and 2ODD low.
This IC facilitates operation of either odd or even parity application.
The word-length capability is easily expanded by
cascading.
All inputs are equipped with protection circuits against
static discharge or transient excess voltage.

FEATURES:
. High Speed.....
. Low Power Dissipation.......
. High Noise Immunity...
. Output Drive Capability.......10
. Symmetrical Output Impedance.. IOH=IOL-4mA (Min.)
. Balanced Propagation Delays...tpLH÷tpHL
. Wide Operating Voltage Range..VCC (opr)=2V ~6V
. Pin and Function Compatible with 74LS280
tpd-33ns (Typ.) at Vcc=5V.
Icc-4A (Max.) at Ta-25°C
VNIH VNIL-28% VCC (Min.)
LSTTL Loads




Similar Part No. - TC74HC280P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC280AF TOSHIBA-TC74HC280AF Datasheet
255Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC280AF TOSHIBA-TC74HC280AF Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
TC74HC280AP TOSHIBA-TC74HC280AP Datasheet
255Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC280AP TOSHIBA-TC74HC280AP Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
More results


Similar Description - TC74HC280P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
9-bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com