Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCXZ240FT Datasheet (PDF) - Toshiba Semiconductor

TC74LCXZ240FT Datasheet PDF - Toshiba Semiconductor
Part # TC74LCXZ240FT
Download  TC74LCXZ240FT Download
File Size   238.78 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs

TC74LCXZ240FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74LCXZ240FT Datasheet PDF - Toshiba Semiconductor

Part # TC74LCXZ240FT
Download  TC74LCXZ240FT Click to download

File Size   238.78 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs

TC74LCXZ240FT Datasheet (HTML) - Toshiba Semiconductor


TC74LCXZ240FT Product details

The TC74LCXZ240 is a high-performance CMOS octal bus
buffer. Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
both inputs and outputs.
When Power supply voltage is turned on, turned off or Vcc is
between 0 to 1.5V, output will be at high impedance.
For operation at (3.3 V) VCC, hot board insertion is applicable.
The TC74LCXZ240 is an inverting 3-state buffer having two
active-low output enables. This device is designed to be used with
3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static
discharge.

Features
• Low-voltage operation: VCC = 2.7 to 3.6 V
• High-speed operation: tpd = 6.5 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: IOH = −24 mA (min) /IOL = 36 mA (min)
(VCC = 3.0V)
• Available in TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 240 type




Similar Part No. - TC74LCXZ240FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXZ244FK TOSHIBA-TC74LCXZ244FK Datasheet
228Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
More results


Similar Description - TC74LCXZ240FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_07 Datasheet
242Kb / 9P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX541F TOSHIBA-TC74LCX541F_07 Datasheet
245Kb / 10P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_10 Datasheet
225Kb / 11P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCXZA240FT TOSHIBA-TC74LCXZA240FT Datasheet
233Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2014-03-01
TC74LCXZA244FT TOSHIBA-TC74LCXZA244FT Datasheet
227Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com