Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1073602 Datasheet (PDF) - PHOENIX CONTACT

1073602 Datasheet PDF - PHOENIX CONTACT
Part # 1073602
Download  1073602 Download
File Size   1064.09 Kbytes
Page   47 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MPT 2,5-NS 15

1073602 Datasheet (PDF)

Go To PDF Page Download Datasheet
1073602 Datasheet PDF - PHOENIX CONTACT

Part # 1073602
Download  1073602 Click to download

File Size   1064.09 Kbytes
Page   47 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MPT 2,5-NS 15

1073602 Datasheet (HTML) - PHOENIX CONTACT


1073602 Product details

Mini feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, connection
method: Push-in connection, 1 level, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4
mm2, mounting type: NS 15, color: gray




Similar Part No. - 1073602

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1073605 PHOENIX-1073605 Datasheet
1Mb / 47P
Mini feed-through terminal block - MPT 2,5-NS 15 BU
Nov 16, 2022
More results


Similar Description - 1073602

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3248125 PHOENIX-3248125 Datasheet
70Kb / 6P
Mini feed-through terminal block - MPT 2,5
3248126 PHOENIX-3248126 Datasheet
64Kb / 4P
Mini feed-through terminal block - MPT 2,5 BU
1073553 PHOENIX-1073553 Datasheet
1Mb / 56P
Mini feed-through terminal block - MPT 2,5-NS 35
Nov 16, 2022
1073554 PHOENIX-1073554 Datasheet
1Mb / 56P
Mini feed-through terminal block - MPT 2,5-NS 35 BU
Nov 16, 2022
1073605 PHOENIX-1073605 Datasheet
1Mb / 47P
Mini feed-through terminal block - MPT 2,5-NS 15 BU
Nov 16, 2022
1073761 PHOENIX-1073761 Datasheet
830Kb / 35P
Mini ground terminal block - MPT 2,5-NS 15-PE
Nov 16, 2022
3249005 PHOENIX-3249005 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M
Nov 16, 2022
3249006 PHOENIX-3249006 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M BU
Nov 16, 2022
3249011 PHOENIX-3249011 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ
Nov 16, 2022
3249012 PHOENIX-3249012 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ BU
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com