Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1098676 Datasheet (PDF) - PHOENIX CONTACT

1098676 Datasheet PDF - PHOENIX CONTACT
Part # 1098676
Download  1098676 Download
File Size   732.1 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC/DC converters - QUINT4-PS/24-48DC/48DC/2/PT

1098676 Datasheet (PDF)

Go To PDF Page Download Datasheet
1098676 Datasheet PDF - PHOENIX CONTACT

Part # 1098676
Download  1098676 Click to download

File Size   732.1 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DC/DC converters - QUINT4-PS/24-48DC/48DC/2/PT

1098676 Datasheet (HTML) - PHOENIX CONTACT


1098676 Product details

Primary-switched DC/DC converter, QUINT POWER, DIN rail mounting, input: 24 V DC - 48
V DC, output: 48 V DC / 2 A

Product Description
In the power range of up to 100 W, QUINT POWER provides superior system availability in the smallest size. Preventative function monitoring and
exceptional power reserves are available for applications in the low-power range.

Your advantages
• Most powerful output side: easy system expansion, reliable heavy load startup and miniature circuit breaker tripping
• Most comprehensive signaling: preventive function monitoring reports critical operating states before errors occur
• Free selection between Push-in and screw connection




Similar Part No. - 1098676

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10986 ETC-10986 Datasheet
110Kb / 2P
30.0 MM DIA OPTIC 4 LEG HOLDER
11-Feb-09
logo
Qorvo, Inc
1098636 QORVO-1098636 Datasheet
1Mb / 25P
K - Band Upconverter
More results


Similar Description - 1098676

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905008 PHOENIX-2905008 Datasheet
78Kb / 6P
DC/DC converters - QUINT-PS/48DC/48DC/5
107771 PHOENIX-107771 Datasheet
626Kb / 45P
QUINT4-PS/1AC/48DC/10
2320144 PHOENIX-2320144 Datasheet
84Kb / 8P
DC/DC converters - QUINT-PS/48DC/24DC/ 5
2868680 PHOENIX-2868680 Datasheet
154Kb / 6P
STEP-PS/ 1AC/48DC/2
2910133 PHOENIX-2910133 Datasheet
420Kb / 15P
DC/DC converters - QUINT4-PS/24DC/24DC/10/PT/CO
03/25/2022
108476 PHOENIX-108476 Datasheet
621Kb / 49P
QUINT4-PS/1AC/48DC/5
2018-09-05
2904627 PHOENIX-2904627 Datasheet
710Kb / 23P
Power supply unit - QUINT4-PS/3AC/48DC/20
Nov 16, 2022
2910124 PHOENIX-2910124 Datasheet
611Kb / 22P
DC/DC converters - QUINT4-PS/12DC/24DC/5/PT
Nov 16, 2022
2904612 PHOENIX-2904612 Datasheet
711Kb / 20P
Power supply unit - QUINT4-PS/1AC/48DC/20
Nov 16, 2022
2904611 PHOENIX-2904611 Datasheet
793Kb / 24P
Power supply unit - QUINT4-PS/1AC/48DC/10
Dec 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com