Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTF6P02 Datasheet (PDF) - ON Semiconductor

NTF6P02 Datasheet PDF - ON Semiconductor
Part # NTF6P02
Download  NTF6P02 Download
File Size   212.98 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V

NTF6P02 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTF6P02 Datasheet PDF - ON Semiconductor

Part # NTF6P02
Download  NTF6P02 Click to download

File Size   212.98 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V

NTF6P02 Datasheet (HTML) - ON Semiconductor


NTF6P02 Product details

Features
• Low RDS(on)
• Logic Level Gate Drive
• Diode Exhibits High Speed, Soft Recovery
• Avalanche Energy Specified
• NVF Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free and are RoHS Compliant

Typical Applications
• Power Management in Portables and Battery−Powered Products,
i.e.: Cellular and Cordless Telephones and PCMCIA Cards




Similar Part No. - NTF6P02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
142Kb / 6P
Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
More results


Similar Description - NTF6P02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06_08 Datasheet
253Kb / 12P
P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
27-Mar-2008
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
14-Mar-2013
logo
ON Semiconductor
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
105Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10 
October, 2012 ??Rev. 8
logo
STMicroelectronics
STN3N40K3 STMICROELECTRONICS-STN3N40K3 Datasheet
847Kb / 13P
N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
08-Apr-2011
logo
ON Semiconductor
BSS84L ONSEMI-BSS84L Datasheet
190Kb / 5P
MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
December, 2020 ??Rev. 13
NTR4101P ONSEMI-NTR4101P_V01 Datasheet
219Kb / 6P
MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com