Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA6203UL Datasheet (PDF) - Vishay Siliconix

TSHA6203UL Datasheet PDF - Vishay Siliconix
Part # TSHA6203UL
Download  TSHA6203UL Download
File Size   110.3 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 875 nm, GaAlAs

TSHA6203UL Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHA6203UL Datasheet PDF - Vishay Siliconix

Part # TSHA6203UL
Download  TSHA6203UL Click to download

File Size   110.3 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 875 nm, GaAlAs

TSHA6203UL Datasheet (HTML) - Vishay Siliconix


TSHA6203UL Product details

DESCRIPTION
The TSHA6203UL is an infrared, 875 nm emitting diode in
GaAlAs technology, molded in a clear, untinted plastic
package. It is certified according to UL217 standard for
smoke alarms.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength: λp = 875 nm
• High reliability
• Angle of half intensity: ϕ = ± 12°
• UL217 recognized
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Smoke detectors
• Fire alarms




Similar Part No. - TSHA6203UL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6203UL VISHAY-TSHA6203UL Datasheet
110Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
16-Jun-16
TSHA6203UL VISHAY-TSHA6203UL_V01 Datasheet
110Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
16-Jun-16
More results


Similar Description - TSHA6203UL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
25-Jun-09
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
06-Oct-09
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com