Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSD93501QRYCTQ1 Datasheet (PDF) - Texas Instruments

PCSD93501QRYCTQ1 Datasheet PDF - Texas Instruments
Part # PCSD93501QRYCTQ1
Download  PCSD93501QRYCTQ1 Download
File Size   915.47 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CSD93501-Q1 Synchronous Buck Monolothic Smart Power Stage

PCSD93501QRYCTQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCSD93501QRYCTQ1 Datasheet PDF - Texas Instruments

Part # PCSD93501QRYCTQ1
Download  PCSD93501QRYCTQ1 Click to download

File Size   915.47 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CSD93501-Q1 Synchronous Buck Monolothic Smart Power Stage

PCSD93501QRYCTQ1 Datasheet (HTML) - Texas Instruments


PCSD93501QRYCTQ1 Product details

1 Features
• 30A TDC current, 60A peak operating current
capability
• 91.2% peak system efficiency at 2MHz, 5Vin, 1Vo
• High-frequency operation (up to 2.2 MHz)
• Temperature compensated bi-directional current
sense
• Analog temperature output
• 3.3-V and 5-V PWM signal compatible
• Tri-state PWM input
• Integrated bootstrap switch
• Optimized dead-time for shoot-through protection
• Fault Protection
– Over temperature (OT)
– Pulse-by-pulse over current limiting
– Catatraphic Over Current Protection (OCP)
• Fault Detection
– High-Side Short (HSS)
– Pulse-by-pulse negative Over Current (negOC)
detection
• Body Breaking (BB) mode and Diode Emulation
Mode (DEM) operation
• 3.5 x 6.25 mm QFN package
• Ultra-low-inductance package
• System optimized PCB footprint
• AEC-Q100 Grade 1 qualified

2 Applications
• Multiphase synchronous buck converters
– High-frequency applications
– High-current, low-duty cycle applications

3 Description
CSD93501-Q1 is a highly optimized smart power
stage for use in a high power, high density
applications with 5V input, including automotive. This
product integrates the driver IC and power MOSFETs
in one silicon die to complete the power stage
switching function. It also integrates the accurate
current sensing and temperature sensing functionality
to simplify system design and improve accuracy. The
monolithic design enables high switching frequency
with high efficiency, lower noise, and high current- and
temperature-sensing accuracy. This product has a
small 3.5 x 6.25 mm QFN package. The PCB footprint
has been optimized to help reduce design time and
simplify the completion of the overall system design.
CSD93501-Q1 provides key differentiating features
including cycle-by-cycle current limiting/protection
based on high-side FET current sense, over
temperature protection, negative over current
detection, and open pin detection, which improve
system reliability.




Similar Part No. - PCSD93501QRYCTQ1

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSD054 ALLIED-PCSD054 Datasheet
514Kb / 1P
Shielded Power Chip Inductor
PCSD054-100M-RC ALLIED-PCSD054-100M-RC Datasheet
514Kb / 1P
Shielded Power Chip Inductor
PCSD054-101K-RC ALLIED-PCSD054-101K-RC Datasheet
514Kb / 1P
Shielded Power Chip Inductor
PCSD054-120M-RC ALLIED-PCSD054-120M-RC Datasheet
514Kb / 1P
Shielded Power Chip Inductor
PCSD054-121K-RC ALLIED-PCSD054-121K-RC Datasheet
514Kb / 1P
Shielded Power Chip Inductor
More results


Similar Description - PCSD93501QRYCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
Synchronous Buck NexFET Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95490Q5MC TI1-CSD95490Q5MC Datasheet
766Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95480RWJ TI1-CSD95480RWJ Datasheet
816Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com