Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS568231 Datasheet (PDF) - Texas Instruments

TPS568231 Datasheet PDF - Texas Instruments
Part # TPS568231
Download  TPS568231 Download
File Size   2662.27 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS568231 3.8-V to 17-V Input , 8-A Synchronous Step-Down Converter

TPS568231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS568231 Datasheet PDF - Texas Instruments

Part # TPS568231
Download  TPS568231 Click to download

File Size   2662.27 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS568231 3.8-V to 17-V Input , 8-A Synchronous Step-Down Converter

TPS568231 Datasheet (HTML) - Texas Instruments


TPS568231 Product details

1 Features
• 4.5-V to 17-V input range without external bias
• 3.8-V to 17-V input range with external bias
• Supports 8-A continuous output current
• Integrated 7.8-mΩ and 3.2-mΩ MOSFETs
• 0.6-V ±1% reference voltage across a –40°C to
125°C junction range
• 0.6-V to 5.5-V output voltage range
• 146-μA low quiescent current
• D-CAP3™ control mode for fast transient response
• Supports ceramic output capacitors
• Selectable fSW of 400 kHz, 800 kHz, and 1200 kHz
• Selectable FCCM (forced continuous conduction
mode) for tight output voltage ripple
• Selectable Eco-mode™ (auto skip mode) for high
light-load efficiency
• Optional external 5-V bias for enhanced efficiency
• Prebiased start-up capability
• Adjustable soft start with a default 1.2-ms soft-start
time
• Power-good indicator to monitor output voltage
• Two adjustable current limit settings with hiccup
restart
• Non-latched protections for UV, OV, OT, and UVLO
• Pin-to-pin compatible with 8-A TPS568215, and
12-A TPS56C231 and TPS56C215
• –40°C to 125°C operating junction temperature
• 3.5-mm × 3.5-mm, 18-pin HotRod™ QFN package

2 Applications
• Data center and enterprise computing POLs
• Wireless infrastructure
• IPCs, factory automation, PLC, test measurement
• High-end DTV

3 Description
The TPS568231 is a small, high-efficiency,
synchronous buck converter with an adaptive ontime
D-CAP3 control mode. Because external
compensation is not required, the device is easy
to use and requires few external components. The
device is well-suited for space-constrained data
center applications.
The TPS568231 has competitive features including
a very accurate reference voltage, fast load
transient response, and no requirement for external
compensation, adjustable current limit, and both Ecomode
and FCCM operation modes for selection at
light-load condition through configuration of MODE
pin. To attain high efficiency at light load, Eco-mode
can be selected. To support tight output voltage ripple
requirement, FCCM can be selected. The TPS568231
operates from –40°C to 125°C junction temperature.




Similar Part No. - TPS568231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS568230RJER TI1-TPS568230RJER Datasheet
1Mb / 31P
4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS568230RJET TI1-TPS568230RJET Datasheet
1Mb / 31P
4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS568236 TI-TPS568236 Datasheet
2Mb / 28P
TPS568236 4.5-V to 18-V Input, 8-A Synchronous Buck Converter With Hiccup OVP/UVP/OC, Adjustable Vout, and Soft-Start PSM/FCCM Modes
NOVEMBER 2023
TPS568236RJNR TI-TPS568236RJNR Datasheet
2Mb / 28P
TPS568236 4.5-V to 18-V Input, 8-A Synchronous Buck Converter With Hiccup OVP/UVP/OC, Adjustable Vout, and Soft-Start PSM/FCCM Modes
NOVEMBER 2023
More results


Similar Description - TPS568231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS56C231 TI-TPS56C231 Datasheet
2Mb / 33P
TPS56C231 3.8-V to 17-V Input , 12-A Synchronous Step-Down Converter
AUGUST 2022
TPS56C231 TI-TPS56C231_V01 Datasheet
2Mb / 34P
TPS56C231 3.8-V to 17-V Input , 12-A Synchronous Step-Down Converter
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com