Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT133 Datasheet (PDF) - Everlight Electronics Co., Ltd

PLT133 Datasheet PDF - Everlight Electronics Co., Ltd
Part # PLT133
Download  PLT133 Download
File Size   171.73 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description Technical Data Sheet Photo-link Light Transmitter Unit

PLT133 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLT133 Datasheet PDF - Everlight Electronics Co., Ltd

Part # PLT133
Download  PLT133 Click to download

File Size   171.73 Kbytes
Page   7 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description Technical Data Sheet Photo-link Light Transmitter Unit

PLT133 Datasheet (HTML) - Everlight Electronics Co., Ltd


PLT133 Product details

Descriptions

The opto-electrical component is assembled with a 660nm AlGaInP LED and a driver IC. It transforms the electrical signal to optical signal and be transmitted by 1mm diameter plastic opticalfiber.

The component is operated at +3~+5V and has good performance at low dissipation current, steady light output and efficient light coupling.



Features

• High speed signal transmission( 16Mbps NRZ Signal)

• TTL interface compatible

• +3~+5V single power source

• Pb Free

• The product itself will remain within RoHS compliant version.



Applications

• Digital audio equipment

• CD player

• DVD player




Similar Part No. - PLT133

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLT133-T EVERLIGHT-PLT133-T Datasheet
171Kb / 5P
Photolink- Fiber Optic Transmitter
07-25-2005
PLT133-T1 EVERLIGHT-PLT133-T1 Datasheet
121Kb / 5P
Photolink- Fiber Optic Transmitter
07-25-2005
PLT133-T10 EVERLIGHT-PLT133-T10 Datasheet
115Kb / 5P
Photolink- Fiber Optic Transmitter
07-25-2005
PLT133-T2 EVERLIGHT-PLT133-T2 Datasheet
135Kb / 5P
Photolink- Fiber Optic Transmitter
07-25-2005
PLT133-T5A EVERLIGHT-PLT133-T5A Datasheet
122Kb / 7P
Photolink- Fiber Optic Transmitter
07-25-2005
More results


Similar Description - PLT133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLR131 ETC-PLR131 Datasheet
113Kb / 5P
Technical Data Sheet Photo link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
Technical Data Sheet Photo link Light Receiver Unit
04-06-2004
PLT132 EVERLIGHT-PLT132 Datasheet
167Kb / 5P
Photo-link Light Transmitter Unit
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
Technical Data Sheet Photo link Light Receiver Unit
07-25-2005
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
Photo-link Light Transmitter Unit
PLT532 EVERLIGHT-PLT532 Datasheet
129Kb / 6P
Photo-link Light Transmitter Unit
EAPLTAA0 EVERLIGHT-EAPLTAA0 Datasheet
449Kb / 6P
Photo-link Light Transmitter Unit
2017.02.03
EAPLTAA6 EVERLIGHT-EAPLTAA6 Datasheet
508Kb / 5P
Photo-link Light Transmitter Unit
01.21.2013
EAPLTAA7 EVERLIGHT-EAPLTAA7 Datasheet
271Kb / 5P
Photo-link Light Transmitter Unit
06.15.2013
EAPLTBA4 EVERLIGHT-EAPLTBA4 Datasheet
356Kb / 5P
Photo-link Light Transmitter Unit
05.22.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com