Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD1703LT4 Datasheet (PDF) - STMicroelectronics

STD1703LT4 Datasheet PDF - STMicroelectronics
Part # STD1703LT4
Download  STD1703LT4 Download
File Size   981.42 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET

STD1703LT4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD1703LT4 Datasheet PDF - STMicroelectronics

Part # STD1703LT4
Download  STD1703LT4 Click to download

File Size   981.42 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET

STD1703LT4 Datasheet (HTML) - STMicroelectronics


STD1703LT4 Product details

 TYPICAL RDS(on) = 0.038 Ω
 APPLICATION ORIENTED
CHARACTERIZATION

DESCRIPTION
This MOSFET is the latest development of STMicroelectronics
unique “Single Feature Size™”
strip-based process. The resulting transistor
shows extremely high packing density for low onresistance,
rugged avalance characteristics and
less critical alignment steps therefore a remarkable
manufacturing reproducibility.

APPLICATIONS
 DC-DC CONVERTERS
 LINEAR POST REGULATION




Similar Part No. - STD1703LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD170N4F7AG STMICROELECTRONICS-STD170N4F7AG Datasheet
783Kb / 16P
Automotive-grade N-channel 40 V, 2.2 m typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
December 2016 Rev 1
More results


Similar Description - STD1703LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
03-Jul-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
27-Jul-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com