Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD20NF06LAG Datasheet (PDF) - STMicroelectronics

STD20NF06LAG Datasheet PDF - STMicroelectronics
Part # STD20NF06LAG
Download  STD20NF06LAG Download
File Size   605.19 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package

STD20NF06LAG Datasheet (PDF)

Go To PDF Page Download Datasheet
STD20NF06LAG Datasheet PDF - STMicroelectronics

Part # STD20NF06LAG
Download  STD20NF06LAG Click to download

File Size   605.19 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package

STD20NF06LAG Datasheet (HTML) - STMicroelectronics


STD20NF06LAG Product details

Features
• AEC-Q101 qualified
• Exceptional dv/dt capability
• 100% avalanche tested
• Low gate charge

Applications
• Switching applications

Description
This Power MOSFET has been developed using STMicroelectronics' unique
STripFET process, which is specifically designed to minimize input capacitance and
gate charge. This renders the device suitable for use as primary switch in advanced
high-efficiency isolated DC-DC converters for telecom and computer applications,
and applications with low gate charge driving requirements.




Similar Part No. - STD20NF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
logo
Inchange Semiconductor ...
STD20NF06L ISC-STD20NF06L Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
STD20NF06L UMW-STD20NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement ModePowerMOSFET
logo
EVER SEMICONDUCTOR CO.,...
STD20NF06L EVVOSEMI-STD20NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
STMicroelectronics
STD20NF06L-1 STMICROELECTRONICS-STD20NF06L-1 Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
More results


Similar Description - STD20NF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB18NF30 STMICROELECTRONICS-STB18NF30 Datasheet
1,003Kb / 15P
Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
06-Aug-2013
STD25NF20 STMICROELECTRONICS-STD25NF20 Datasheet
848Kb / 16P
Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
27-May-2015
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
Automotive-grade N-channel 60 V, 19 mΩ typ., 24 A STripFET™F6 Power MOSFET in a DPAK package
30-Jun-2015
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
29-Apr-2020
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com