Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VCXH16245 Datasheet (PDF) - Toshiba Semiconductor

TC74VCXH16245 Datasheet PDF - Toshiba Semiconductor
Part # TC74VCXH16245
Download  TC74VCXH16245 Download
File Size   313.12 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC74VCXH16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCXH16245 Datasheet PDF - Toshiba Semiconductor

Part # TC74VCXH16245
Download  TC74VCXH16245 Click to download

File Size   313.12 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC74VCXH16245 Datasheet (HTML) - Toshiba Semiconductor


TC74VCXH16245 Product details

1. Functional Description • Low-Voltage 16-Bit Bus Transceiver with Bushold
2. General
The TC74VCXH16245 is a high-performance CMOS 16-bit bus transceiver. Designed for use in 1.8 V, 2.5 V or
3.3 V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation.
This 16-bit bus transceiver is controlled by direction control (DIR) inputs and output enable (OE) inputs which
are common to each byte. It can be used as two 8-bit transceivers or one 16-bit transceiver. The direction of data
transmission is determined by the level of the DIR inputs. The OE inputs can be used to disable the device so
that the busses are effectively isolated.
The A, B data inputs include active bushold circuitry, eliminating the need for external pull-up resisisors to hold
unused or floating data inputs at a valid logic level.
All inputs are equipped with protection circuits against static discharge.
3. Features (Note)
(1) Wide operating temperature range: Topr = -40 to 125
� (Note 1)
(2) Low-voltage operation: VCC = 1.8 to 3.6 V
(3) Bushold on data inputs eliminating the need for external pull-up, pull-down resistors
(4) High-speed operation: tpd = 2.5 ns (max) (VCC = 3.0 to 3.6 V)
tpd = 3.0 ns (max) (VCC = 2.3 to 2.7 V)
tpd = 5.0 ns (max) (VCC = 1.8 V)
(5) 3.6-V tolerant control inputs
(6) Output current: IOH/IOL =
±24 mA (min) (VCC = 3.0 V)
IOH/IOL =
±18 mA (min) (VCC = 2.3 V)
IOH/IOL =
±6 mA (min) (VCC = 1.8 V)
Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
Note 1: Operating Range spec of Topr = -40
� to 125
� is applicable only for the products which manufactured after
April 2020.




Similar Part No. - TC74VCXH16245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
Low-Voltage 16-Bit Bus Transceiver with Bushold
More results


Similar Description - TC74VCXH16245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com