Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC04F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC04F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC04F
Download  TC74VHC04F Download
File Size   152.35 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER

TC74VHC04F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC04F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC04F
Download  TC74VHC04F Click to download

File Size   152.35 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER

TC74VHC04F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC04F Product details

The TC74VHC04 is an advanced high speed CMOS
INVERTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed..........
• Low Power Dissipation..
tpd 3.8ns(typ.) at Vcc=5V
lcc2uA(Max.) at Ta= 25°C
High Noise ImmunityVNIH VNIL = 28% Vcc (Min.)
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays tpLH=tpHL
• Wide Operating Voltage Range... Vcc (opr)=2V~5.5V
• Low Noise
• Pin and Function Compatible with 74ALS04
VOLP=0.8V (Max.)




Similar Part No. - TC74VHC04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC04F TOSHIBA-TC74VHC04F Datasheet
202Kb / 5P
HEX INVERTER
TC74VHC04F TOSHIBA-TC74VHC04F Datasheet
253Kb / 9P
Hex Inverter
TC74VHC04FK TOSHIBA-TC74VHC04FK Datasheet
253Kb / 9P
Hex Inverter
TC74VHC04FK TOSHIBA-TC74VHC04FK_12 Datasheet
222Kb / 8P
Hex Inverter
TC74VHC04FN TOSHIBA-TC74VHC04FN Datasheet
202Kb / 5P
HEX INVERTER
More results


Similar Description - TC74VHC04F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com