Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC02FT Datasheet (PDF) - Toshiba Semiconductor

TC74VHC02FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC02FT
Download  TC74VHC02FT Download
File Size   153.73 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT NOR GATE

TC74VHC02FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC02FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC02FT
Download  TC74VHC02FT Click to download

File Size   153.73 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT NOR GATE

TC74VHC02FT Datasheet (HTML) - Toshiba Semiconductor


TC74VHC02FT Product details

The TC74VHC02 is an advanced high speed CMOS 2-INPUT
NOR GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed......
• Low Power Dissipation-
High Noise Immunity
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays...tplH=tpHL
tpd=3.6ns(typ.) at Vcc=5V
Icc2uA(Max.) at Ta= 25°C
VNIH VNIL = 28% Vcc (Min.)
• Wide Operating Voltage Range... Vcc (opr) = 2V~5.5V
• Low Noise
VOLP=0.8V (Max.)
• Pin and Function Compatible with 74ALS02




Similar Part No. - TC74VHC02FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC02FT TOSHIBA-TC74VHC02FT Datasheet
204Kb / 5P
QUAD 2-INPUT NOR GATE
TC74VHC02FT TOSHIBA-TC74VHC02FT Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC74VHC02FT TOSHIBA-TC74VHC02FT Datasheet
219Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC02FT TOSHIBA-TC74VHC02FT_12 Datasheet
213Kb / 8P
Quad 2-Input NOR Gate
More results


Similar Description - TC74VHC02FT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com