Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC08FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC08FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC08FN
Download  TC74VHC08FN Download
File Size   153.35 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT AND GATE

TC74VHC08FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC08FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC08FN
Download  TC74VHC08FN Click to download

File Size   153.35 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-INPUT AND GATE

TC74VHC08FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC08FN Product details

The TC74VHC08 is an advanced high speed CMOS 2-INPUT
AND GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 4 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface from 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed..........
• Low Power Dissipation..
tpd 4.3ns(typ.) at Vcc=5V
lcc2uA (Max.) at Ta= 25°C
VNIL = 28% Vcc (Min.)
• Power Down Protection is provided on all inputs.
High Noise ImmunityVNIH
• Balanced Propagation Delays tpLH=tpHL
• Wide Operating Voltage Range-Vcc (opr) = 2V~5.5V
• Low Noise
VOLP=0.8V (Max.)
• Pin and Function Compatible with 74ALS08




Similar Part No. - TC74VHC08FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08FN TOSHIBA-TC74VHC08FN Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
TC74VHC08FN TOSHIBA-TC74VHC08FN Datasheet
246Kb / 9P
Quad 2-Input AND Gate
More results


Similar Description - TC74VHC08FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com