Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC10FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC10FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC10FN
Download  TC74VHC10FN Download
File Size   145.43 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRIPLE 3-INPUT NAND GATE

TC74VHC10FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC10FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC10FN
Download  TC74VHC10FN Click to download

File Size   145.43 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRIPLE 3-INPUT NAND GATE

TC74VHC10FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC10FN Product details

The TC74VHC10 is an advanced high speed CMOS 3-INPUT
NAND GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
High Speed...
• Low Power Dissipation.
tpd = 3.9ns(typ.) at Vcc=5V
Icc2uA(Max.) at Ta=25°C
High Noise Immunity
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays...tpLH=tpHL
.VNIH=VNIL = 28% Vcc (Min.)
• Wide Operating Voltage Range....Vcc (opr) = 2V~5.5V
• Pin and Function Compatible with 74ALS10




Similar Part No. - TC74VHC10FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC10FN TOSHIBA-TC74VHC10FN Datasheet
192Kb / 5P
TRIPLE 3-INPUT NAND GATE
TC74VHC10FN TOSHIBA-TC74VHC10FN Datasheet
220Kb / 8P
Triple 3-Input NAND Gate
More results


Similar Description - TC74VHC10FN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com