Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC153F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC153F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC153F
Download  TC74VHC153F Download
File Size   302.39 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL 4-CHANNEL MULTIPLEXER

TC74VHC153F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC153F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC153F
Download  TC74VHC153F Click to download

File Size   302.39 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL 4-CHANNEL MULTIPLEXER

TC74VHC153F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC153F Product details

The TC74VHC153 is an advanced high speed CMOS DUAL
4-CHANNEL MULTIPLEXERs fabricated with silicon gato
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
Each of these data (1C0-1C3, 2C0-2C3) is selected by the
two address inputs A and B.
Separate strobe inputs (1G, 2G) are provided for each of the
two four-line sections.
The strobe input (G) can be used to inhibit the data output;
the output is fixed in low level while the strobe input is held
high.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
High Speed.....
• Low Power Dissipation..
High Noise Immunity...
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays...tpLH=tpHL
tpd=5.0ns(typ.) at Vcc=5V
Icc4/A(Max.) at Ta = 25°C
VNIH VNIL = 28% Voo (Min.)
• Wide Operating Voltage Range... Vcc (opr) = 2V~5.5V
• Pin and Function Compatible with 74ALS153




Similar Part No. - TC74VHC153F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
258Kb / 11P
Dual 4-Channel Multiplexer
TC74VHC153FK TOSHIBA-TC74VHC153FK Datasheet
258Kb / 11P
Dual 4-Channel Multiplexer
TC74VHC153FK TOSHIBA-TC74VHC153FK_12 Datasheet
218Kb / 10P
Dual 4-Channel Multiplexer
TC74VHC153FN TOSHIBA-TC74VHC153FN Datasheet
229Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
More results


Similar Description - TC74VHC153F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
DUAL 4-CHANNEL MULTIPLEXER
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
DUAL 4 CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
DUAL 4-CHANNEL MULTIPLEXER
TC7MH153FK TOSHIBA-TC7MH153FK_07 Datasheet
188Kb / 7P
Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
Dual 4-Channel Multiplexer
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153_01 Datasheet
526Kb / 10P
DUAL 4 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_12 Datasheet
218Kb / 10P
Dual 4-Channel Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com