Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC164FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC164FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC164FN
Download  TC74VHC164FN Download
File Size   339.94 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER (S-IN, P-OUT)

TC74VHC164FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC164FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC164FN
Download  TC74VHC164FN Click to download

File Size   339.94 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER (S-IN, P-OUT)

TC74VHC164FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC164FN Product details

The TC74VHC164 is an advanced high speed CMOS 8-BIT
SERIAL - IN PARALLEL-OUT SHIFT REGISTER fabricated
with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
It consists of a serial - in, parallel - out 8-bit shift register
with a CLOCK input and an overriding CLEAR input.
Two serial data inputs (A, B) are provided so that one may
be used as a data enable.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed.........
•ÍMAX=175MHz(typ.)
at Vcc=5V
Icc=4A(Max.)at Ta = 25°C
•VNIH =VNIL = 28% Vcc (Min.)
Low Power Dissipation..
High Noise Immunity
• Power Down Protection is provided on all inputs.
Balanced Propagation Delays tpLH=tpHL
• Wide Operating Voltage Range.
Low Noise.
• Pin and Function Compatible with 74ALS164
Vcc (opr) = 2V~5.5V
.VOLP=0.8V (Max.)




Similar Part No. - TC74VHC164FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
259Kb / 7P
8-BIT SHIFT REGISTER
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
More results


Similar Description - TC74VHC164FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
8-Bit Shift Register (P-In, S-Out)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
8-Bit Shift Register (P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com