Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC165F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC165F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC165F
Download  TC74VHC165F Download
File Size   416.97 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER (P-IN, S-OUT)

TC74VHC165F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC165F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC165F
Download  TC74VHC165F Click to download

File Size   416.97 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8-BIT SHIFT REGISTER (P-IN, S-OUT)

TC74VHC165F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC165F Product details

The TC74VHC165 is an advanced high speed CMOS 8-BIT
PARALLEL/SERIAL-IN, SERIAL OUT SHIFT REGISTER
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
It consists of parallel-in or serial-in, serial-out 8 bit shift
register with a gated clock input. When the SHIFT/LOAD
input is held high, the serial data input is enabled and the
eight frip-frops perform serial shifting with each clock pulse.
When the SHIFT/LOAD input is held low, the parallel data is
loaded synchronously into the register at positive going
transition of the clock pulse.
The CK-INH input should be shifted high only when the CK
input is held high.
An Input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and on two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
.
High Speed
• Low Power Dissipation
High Noise Immunity...
.
• Power Down Protection is provided on all inputs.
• Balanced Propagation Delays...tpLH=tpHL
MAX 150MHz(typ.) at Vcc=5V
Icc=4/A(Max.) at Ta = 25°C
VNIH-VNIL -28% Vcc (Min.)
• Wide Operating Voltage Range Vcc (opr)=2V~5.5V
Pin and Function Compatible with 74ALS165




Similar Part No. - TC74VHC165F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC165F TOSHIBA-TC74VHC165F Datasheet
328Kb / 8P
8-BIT SHIFT REGISTER
TC74VHC165F TOSHIBA-TC74VHC165F Datasheet
279Kb / 12P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FK TOSHIBA-TC74VHC165FK Datasheet
279Kb / 12P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FK TOSHIBA-TC74VHC165FK_12 Datasheet
249Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
328Kb / 8P
8-BIT SHIFT REGISTER
More results


Similar Description - TC74VHC165F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
8-Bit Shift Register (P-In, S-Out)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
8-Bit Shift Register (P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com