Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC175FN Datasheet (PDF) - Toshiba Semiconductor

TC74VHC175FN Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC175FN
Download  TC74VHC175FN Download
File Size   336.58 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD D-TYPE FLIP-FLOP WITH CLEAR

TC74VHC175FN Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC175FN Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC175FN
Download  TC74VHC175FN Click to download

File Size   336.58 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD D-TYPE FLIP-FLOP WITH CLEAR

TC74VHC175FN Datasheet (HTML) - Toshiba Semiconductor


TC74VHC175FN Product details

The TC74VHC175 is an advanced high speed CMOS QUAD
D.TYPE FLIP FLOP fabricated with silicon gato C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
These four flip-flops are controlled by a clock input (CK) and
a clear input (CLR).
The information data applied to the D inputs (D1 thru D4)
are transferred to the outputs (Q1 thru Q4 and Q1 thru Q4)
on the positive - going edge of the clock pulse.
When the CLR input is held low, the Q outputs are at the
low logic level and the Q outputs are at the high logic level,
regardless of other input conditions.
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched
supply and input voltages.

FEATURES:
• High Speed...
*MAX=210MHz(typ.)
at Voo = 5V
Icc=4/A(Max.) at Ta=25°C
Low Power Dissipation
High Noise Immunity
.VNIH=VNIL = 28% Vcc (Min.)
Power Down Protection is provided on all inputs.
Balanced Propagation Delays....tplH tpHL
• Wide Operating Voltage Range... Vcc (opr)=2V~5.5V
• Low Noise
VOLP=0.8V (Max.)
• Pin and Function Compatible with 74ALS175




Similar Part No. - TC74VHC175FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175FN TOSHIBA-TC74VHC175FN Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74VHC175FN TOSHIBA-TC74VHC175FN Datasheet
270Kb / 11P
Quad D-Type Flip Flop with Clear
More results


Similar Description - TC74VHC175FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
Quad D-Type Flip Flop with Clear
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
Quad D-Type Flip Flop with Clear
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
QUAD D-TYPE FLIP FLOP WITH CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
Quad D-Type Flip-Flop With Clear
Revised February 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com