Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC245F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC245F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC245F
Download  TC74VHC245F Download
File Size   316.75 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS TRANSCEIVER

TC74VHC245F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC245F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC245F
Download  TC74VHC245F Click to download

File Size   316.75 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS TRANSCEIVER

TC74VHC245F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC245F Product details

The TC74VHC245 is an advanced high speed CMOS OCTAL
BUS TRANSCEIVER fabricated with silicon gate C²MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
It is intended for two way asynchronous communication
between data busses. The direction of data transmission is
determined by the level of the DIR input.
The enable input (G) can be used to disable the device so
that the busses are effectively isolated.
All inputs are equipped with protection circuits against static
discharge.

FEATURES:
High Speed...
• Low Power Dissipation-
High Noise Immunity
• Balanced Propagation Delays... tpLH=tpHL
tpd 4.0ns(typ.) at Vcc=5V
Icc=4/A(Max.) at Ta = 25°C
VNIH=VNIL = 28% Vcc (Min.)
• Wide Operating Voltage Range-Vcc (opr) = 2V-5.5V
• Low Noise
VOLP 1.2V (Max.)
• Pin and Function Compatible with 74ALS245




Similar Part No. - TC74VHC245F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F Datasheet
244Kb / 6P
OCTAL BUS TRANSCEIVER
TC74VHC245F TOSHIBA-TC74VHC245F Datasheet
234Kb / 9P
Octal Bus Transceiver
TC74VHC245FK TOSHIBA-TC74VHC245FK Datasheet
234Kb / 9P
Octal Bus Transceiver
TC74VHC245FK TOSHIBA-TC74VHC245FK_12 Datasheet
211Kb / 9P
Octal Bus Transceiver
TC74VHC245FT TOSHIBA-TC74VHC245FT Datasheet
244Kb / 6P
OCTAL BUS TRANSCEIVER
More results


Similar Description - TC74VHC245F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
Octal Bus Transceiver
1997 REV 0
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
Octal Bus Transceiver
logo
Intel Corporation
M8287 INTEL-M8287 Datasheet
118Kb / 4P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AS620 TI-SN74AS620 Datasheet
477Kb / 10P
OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
Octal Bus Transceiver
October, 2014 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com