Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC27F Datasheet (PDF) - Toshiba Semiconductor

TC74VHC27F Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC27F
Download  TC74VHC27F Download
File Size   279.85 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Triple 3-Input NOR Gate

TC74VHC27F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC27F Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC27F
Download  TC74VHC27F Click to download

File Size   279.85 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Triple 3-Input NOR Gate

TC74VHC27F Datasheet (HTML) - Toshiba Semiconductor


TC74VHC27F Product details

The TC74VHC27 is an advanced high speed CMOS 3-INPUT NOR
GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 3 stages including a buffer output,
which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5 V can be applied to the
input pins without regard to the supply voltage. This device can be used
to interface 5 V to 3 V systems and two supply systems such as battery
back up. This circuit prevents device destruction due to mismatched
supply and input voltages.

Features
 High speed: tpd = 4.1 ns (typ.) at VCC = 5 V
 Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
 High noise immunity: VNIH = VNIL = 28% VCC (min)
 Power down protection is provided on all inputs.
 Balanced propagation delays: tpLH ∼− tpHL
 Wide operating voltage range: VCC (opr) = 2 to 5.5 V
 Pin and function compatible with 74ALS27




Similar Part No. - TC74VHC27F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
211Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
254Kb / 5P
TRIPLE 3-INPUT NOR GATE
1997-01-30
TC74VHC27FK TOSHIBA-TC74VHC27FK_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27FN TOSHIBA-TC74VHC27FN Datasheet
211Kb / 8P
Triple 3-Input NOR Gate
More results


Similar Description - TC74VHC27F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HCT27A INTEGRAL-IN74HCT27A Datasheet
38Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com